Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KEXX Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # P6KEXX
Description  Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

P6KEXX Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  P6KEXX Datasheet HTML 1Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 2Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 3Page - First Silicon Co., Ltd P6KEXX Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2011. 10. 18
3/4
Revision No : 0
P6KE6.8 thru P6KE550CA
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
tl
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
tl
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
ff
o
-
d
n
a
t
S
e
g
a
tl
o
v
V
M
W
)
s
tl
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
tl
o
v
I
M
P
P
V
C
)
s
tl
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
if
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M
.
x
a
M
2
6
E
K
6
8
P
.
5
5
2
.
8
6
0
.
1
2
.
0
5
0
.
1
7
.
6
0
.
9
8
4
0
1
.
0
A
2
6
E
K
6
9
P
.
8
5
1
.
5
6
0
.
1
0
.
3
5
0
.
1
1
.
7
0
.
5
8
4
0
1
.
0
8
6
E
K
6
2
P
.
1
6
8
.
4
7
0
.
1
1
.
5
5
0
.
1
1
.
6
0
.
8
9
4
0
1
.
0
A
8
6
E
K
6
6
P
.
4
6
4
.
1
7
0
.
1
1
.
8
5
0
.
1
5
.
6
0
.
2
9
4
0
1
.
0
5
7
E
K
6
5
P
.
7
6
5
.
2
8
0
.
1
7
.
0
6
0
.
1
6
.
5
8
0
1
5
0
1
.
0
A
5
7
E
K
6
3
P
.
1
7
8
.
8
7
0
.
1
1
.
4
6
0
.
1
8
.
5
3
0
1
5
0
1
.
0
2
8
E
K
6
8
P
.
3
7
2
.
0
9
0
.
1
4
.
6
6
0
.
1
1
.
5
8
1
1
5
0
1
.
0
A
2
8
E
K
6
9
P
.
7
7
1
.
6
8
0
.
1
1
.
0
7
0
.
1
3
.
5
3
1
1
5
0
1
.
0
1
9
E
K
6
9
P
.
1
8
0
0
1
0
.
1
7
.
3
7
0
.
1
6
.
4
1
3
1
6
0
1
.
0
A
1
9
E
K
6
5
P
.
6
8
5
.
5
9
0
.
1
8
.
7
7
0
.
1
8
.
4
5
2
1
6
0
1
.
0
0
0
1
E
K
6
0
P
.
0
9
0
1
1
0
.
1
0
.
1
8
0
.
1
2
.
4
4
4
1
6
0
1
.
0
A
0
0
1
E
K
6
0
P
.
5
9
5
0
1
0
.
1
5
.
5
8
0
.
1
4
.
4
7
3
1
6
0
1
.
0
0
1
1
E
K
6
0
P
.
9
9
1
2
1
0
.
1
2
.
9
8
0
.
1
8
.
3
8
5
1
7
0
1
.
0
A
0
1
1
E
K
6
5
P
0
1
6
1
1
0
.
1
0
.
4
9
0
.
1
9
.
3
2
5
1
7
0
1
.
0
0
2
1
E
K
6
8
P
0
1
2
3
1
0
.
1
2
.
7
9
0
.
1
5
.
3
3
7
1
7
0
1
.
0
A
0
2
1
E
K
6
4
P
1
1
6
2
1
0
.
1
2
0
1
0
.
1
6
.
3
5
6
1
7
0
1
.
0
0
3
1
E
K
6
7
P
1
1
3
4
1
0
.
1
5
0
1
0
.
1
2
.
3
7
8
1
7
0
1
.
0
A
0
3
1
E
K
6
4
P
2
1
7
3
1
0
.
1
1
1
1
0
.
1
4
.
3
9
7
1
7
0
1
.
0
0
5
1
E
K
6
5
P
3
1
5
6
1
0
.
1
1
2
1
0
.
1
8
.
2
5
1
2
8
0
1
.
0
A
0
5
1
E
K
6
3
P
4
1
8
5
1
0
.
1
8
2
1
0
.
1
9
.
2
7
0
2
8
0
1
.
0
0
6
1
E
K
6
4
P
4
1
6
7
1
0
.
1
0
3
1
0
.
1
6
.
2
0
3
2
8
0
1
.
0
A
0
6
1
E
K
6
2
P
5
1
8
6
1
0
.
1
6
3
1
0
.
1
7
.
2
9
1
2
8
0
1
.
0
0
7
1
E
K
6
3
P
5
1
7
8
1
0
.
1
8
3
1
0
.
1
5
.
2
4
4
2
8
0
1
.
0
A
0
7
1
E
K
6
2
P
6
1
9
7
1
0
.
1
5
4
1
0
.
1
6
.
2
4
3
2
8
0
1
.
0
0
8
1
E
K
6
2
P
6
1
8
9
1
0
.
1
6
4
1
0
.
1
3
.
2
8
5
2
8
0
1
.
0
A
0
8
1
E
K
6
1
P
7
1
9
8
1
0
.
1
4
5
1
0
.
1
4
.
2
6
4
2
8
0
1
.
0
0
0
2
E
K
6
0
P
8
1
0
2
2
0
.
1
2
6
1
0
.
1
1
.
2
7
8
2
8
0
1
.
0
A
0
0
2
E
K
6
0
P
9
1
0
1
2
0
.
1
1
7
1
0
.
1
2
.
2
4
7
2
8
0
1
.
0
0
2
2
E
K
6
8
P
9
1
2
4
2
0
.
1
5
7
1
0
.
1
7
.
1
4
4
3
8
0
1
.
0
A
0
2
2
E
K
6
9
P
0
2
1
3
2
0
.
1
5
8
1
0
.
1
8
.
1
8
2
3
8
0
1
.
0
0
5
2
E
K
6
5
P
2
2
5
7
2
0
.
1
2
0
2
0
.
1
7
.
1
0
6
3
0
1
1
.
0
A
0
5
2
E
K
6
7
P
3
2
3
6
2
0
.
1
4
1
2
0
.
1
7
.
1
4
4
3
0
1
1
.
0
0
0
3
E
K
6
0
P
7
2
0
3
3
0
.
1
3
4
2
0
.
1
4
.
1
0
3
4
0
1
1
.
0
A
0
0
3
E
K
6
5
P
8
2
5
1
3
0
.
1
6
5
2
0
.
1
4
.
1
4
1
4
0
1
1
.
0
0
5
3
E
K
6
5
P
1
3
5
8
3
0
.
1
4
8
2
0
.
1
2
.
1
4
0
5
0
1
1
.
0
A
0
5
3
E
K
6
3
P
3
3
8
6
3
0
.
1
0
0
3
0
.
1
2
.
1
2
8
4
0
1
1
.
0
0
0
4
E
K
6
0
P
6
3
0
4
4
0
.
1
4
2
3
0
.
1
0
.
1
4
7
5
0
1
1
.
0
A
0
0
4
E
K
6
0
P
8
3
0
2
4
0
.
1
2
4
3
0
.
1
1
.
1
8
4
5
0
1
1
.
0
0
4
4
E
K
6
6
P
9
3
4
8
4
0
.
1
6
5
3
0
.
1
5
9
.
0
1
3
6
0
1
1
.
0
A
0
4
4
E
K
6
8
P
1
4
2
6
4
0
.
1
6
7
3
0
.
1
0
.
1
2
0
6
0
1
1
.
0
A
0
8
4
E
K
6
6
P
5
4
4
0
5
0
.
1
8
0
4
0
.
1
9
.
0
8
5
6
0
1
1
.
0
A
0
1
5
E
K
6
5
P
8
4
5
3
5
0
.
1
4
3
4
0
.
1
9
.
0
8
9
6
0
1
1
.
0
A
0
3
5
E
K
6
5
P
.
3
0
5
5
.
6
5
5
0
.
1
0
5
4
0
.
1
8
.
0
5
2
7
0
1
1
.
0
A
0
4
5
E
K
6
3
P
1
5
7
6
5
0
.
1
9
5
4
0
.
1
8
.
0
0
4
7
0
1
1
.
0
A
0
5
5
E
K
6
5
P
.
2
2
5
5
.
7
7
5
0
.
1
7
6
4
0
.
1
8
.
0
0
6
7
0
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types with V
WM of 10 volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%
This P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can permanently damage voltage-sensitive
components.
The P6KE series device types are designed in a small package size where power and space is a consideration. They are characterized by their high surge capability,
extremely fast response time, and low impedance, (Ron). Because of the unpredictable nature of transients, and the variation of the impedance with respect to these
transients, impedance, per se, is not specified as a parametric value. However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage
(Vc) at a maximum peak pulse current is specified.
In some instances, the thermal effect (see Vc Clamping Voltage) may be responsible for 50% to 70%. of the observed voltage differential when subjected to high
current pulses for several duty cycles, thus making a maximum impedance specification insignificant.
In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage Suppressor will initially fail 'short' thus tripping the
system's circuit breaker or fuse while protecting the entire circuit. Curves depicting clamping voltage vs. various current pulses are available from the factory.
Extended power curves vs. pulse time are also available.
Description:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com