Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2MA Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # US2MA
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

US2MA Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  US2MA Datasheet HTML 1Page - First Silicon Co., Ltd US2MA Datasheet HTML 2Page - First Silicon Co., Ltd US2MA Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US2AA THRU US2MA
REVERSE VOLTGE 50V~1000V
FORWARD CURRENT 2.0AMP
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V- 0 rate flame retardant
*
* Weight: 0.064 grams
FEATURES
* For surface mount applications
* Glass passivated chip junction
* Low profile package
DO- 214AC
SMA
Cathode
Anode
Polarity: Color band denotes cathode end
SEMICONDUCTOR
TECHNICAL DATA
US2AA ~ US2MA
2015. 08. 04
1/3
Revision No : 0
FAST RECOVERY RECTIFIER
* Super fast recovery time for high efficiency
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductiveload,for capacitive load current derate by 20%.
PARAMETER
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Minimum Reverse Breakdown Voltage
Average Rectified current at T
L =55°C
A
0
.
2
=
F
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
Maximum reverse recovery time (NOTE 1)
Typical Junction Capacitance (NOTE 2)
Typical Thermal Resistance (NOTE 3)
Operating Junction & Storage Temperature Range
1. Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of4.0V D.C.
3. Mounted with minimum recommended padsize PCBoard FR4.
Note:
5.0
50.0
50
US2AA
US2BA
US2DA US2GA
US2JA
US2KA US2MA
SYMBOLS
VRRM
VRMS
RθJA
VR
I(AV)
IFSM
VF
°C/W
TJ, TSTG
UNITS
Volts
Volts
Volts
Amp
Amps
Volts
µA
50
100
nS
pF
600
800
°C
50
100
200
400
600
800
1000
1000
35
70
140
280
420
560
700
200
400
2.0
50
1.7
1.3
1.0
-55
+150
Maximum DC reverse current
at rated DC blocking voltage
TA= 25 °C
TA=100°C
Non-repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
75
20
50
IR
trr
CJ


Similar Part No. - US2MA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2MA SSE-US2MA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2MA PACELEADER-US2MA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2MA LUGUANG-US2MA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
US2MA TAYCHIPST-US2MA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Microdiode Semiconducto...
US2MA CHENDA-US2MA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2MA

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
1N4001 FS-1N4001 Datasheet
621Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N4001S FS-1N4001S Datasheet
597Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N5400 FS-1N5400 Datasheet
740Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 3.0AMP Rectifiers
ES2AA FS-ES2AA Datasheet
216Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP SUPER FAST RECOVERY RECTIFIER
FR101 FS-FR101 Datasheet
463Kb / 3P
FAST RECOVERY RECTIFIER REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP
GL1A FS-GL1A Datasheet
157Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP SURFACE MOUNT RECTIFIER
GN1A FS-GN1A Datasheet
212Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
GN3A FS-GN3A Datasheet
150Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
HS1A FS-HS1A Datasheet
193Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
US1A FS-US1A Datasheet
162Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com