Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2MA Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # US2MA
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

US2MA Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  US2MA Datasheet HTML 1Page - First Silicon Co., Ltd US2MA Datasheet HTML 2Page - First Silicon Co., Ltd US2MA Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
US2AA ~ US2MA
2015. 08. 05
2/3
Revision No : 0
FIG. 1- FORWARD CURRENT DERATING CURVE
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
25
50
75
100
125
150
175
LEAD TEMPERATURE( °C)
S NGLE PHASE HALF 60Hz
RESUSTIVE OR INDUCTIVE LOAD P.C.B.
MOUNTED ON 0.2x0.2(5.0x5.0MM)
COPPER PAD AREAS
FIG. 2-TYPICAL JUNCTION RATINGS
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
TJ= 25 C
TJ=25 C
Pulse Width=300µ s
1%Duty Cucle
TJ=100 C
US2AA~US2DA
US2JA~US2MA
US2GA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com