Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10TS
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10TS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10TS Datasheet HTML 1Page - M-System Co.,Ltd. 10TS Datasheet HTML 2Page - M-System Co.,Ltd. 10TS Datasheet HTML 3Page - M-System Co.,Ltd. 10TS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 10TS
http://www.m-system.co.jp/
10TS SPECIFICATIONS
ES-0812 Rev.9 Page 1/4
High-density Signal Conditioners 10-RACK
THERMOCOUPLE TRANSMITTER
Functions & Features
• Accepting direct input from a thermocouple and providing
two standard process signals
• 5-segment linearization
• Burnout protection
• High-accuracy cold junction compensation
• Optional second channel output available at the front
terminals and at the Standard Rack connector
Typical Applications
• High-accuracy cold junction compensation benefits narrow
span measurements
• 0.1 μA burnout sensing enables long distance
transmission with minimum offset drifts
• Electric furnace (isolation)
• No burnout type can connect to a single T/C in parallel
with a recorder
MODEL: 10TS-[1][2][3]-R[4]
ORDERING INFORMATION
• Code number: 10TS-[1][2][3]-R[4]
Specify a code from below for each [1] through [4].
(e.g. 10TS-2A6-R/BL/Q)
• Temperature range (e.g. 0 – 800 ℃)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
0: Specify
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
[3] OUTPUT 2
0: None
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
CJC Sensor
blank: With Cold Junction Compensation Sensor
/N: Without Cold Junction Compensation Sensor
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the


Similar Part No. - 10TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TSD10 VISHAY-10TSD10 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
10TSD15 VISHAY-10TSD15 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
10TSD20 VISHAY-10TSD20 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
10TSD22 VISHAY-10TSD22 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
10TSD27 VISHAY-10TSD27 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
More results

Similar Description - 10TS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com