Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10TS
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10TS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10TS Datasheet HTML 1Page - M-System Co.,Ltd. 10TS Datasheet HTML 2Page - M-System Co.,Ltd. 10TS Datasheet HTML 3Page - M-System Co.,Ltd. 10TS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 10TS
http://www.m-system.co.jp/
10TS SPECIFICATIONS
ES-0812 Rev.9 Page 2/4
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
At burnout: Downscale ≤ -10 %, Upscale ≥ 110 %
Linearization: Standard
Cold junction compensation (CJC): CJC sensor attached to
the input terminals as standard; No CJC optional (B
thermocouple is without CJC as standard.)
INPUT SPECIFICATIONS
Input resistance: 20 kΩ minimum
Burnout sensing: 0.1 μA
Minimum span: 3 mV
Offset: Max. 1.5 times span
Minimum span (in °C)
(PR): 370°C
K (CA): 75°C
E (CRC): 50°C
J (IC): 60°C
T (CC): 75°C
B (RH): 780°C
R: 360°C
S: 380°C
N: 110°C
Minimum span (in °F)
(PR): 670°F
K (CA): 140°F
E (CRC): 90°F
J (IC): 110°F
T (CC): 140°F
B (RH): 1410°F
R: 650°F
S: 690°F
N: 200°F
For the temperatures that range below 0°C, the transmitter
may partially not satisfy the described accuracy. Consult
factory.
INSTALLATION
Current consumption: Approx. 30mA with voltage output 1
Approx. 60mA with current output 1
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.4 % (at over 400°C or 750°F for R, S and PR;
over 770°C or 1420°F for B)
Cold junction compensation error
(at 20°C ±10°C or 68°F ±18°F; with CJC sensor)
K, E, J, T, N: ±0.5°C or ±0.9°F
S, R, PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output 1 to output 2 to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com