Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3929 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3929
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3929 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3929 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3929 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3929 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC3929, 2SC3929A
NV — VCE
NV — IC
NV — IC
NV — Rg
NV — Rg
Collector to emitter voltage V
CE
(V)
1
3
10
30
100
0
300
240
120
180
60
I
C=1mA
G
V=80dB
Function=RIAA
4.7k
Ω
R
g=100kΩ
22k
Ω
0.01
0.03
0.1
0.3
1
0
160
120
40
100
140
80
20
60
V
CE=10V
G
V=80dB
Function=FLAT
4.7k
Ω
R
g=100kΩ
22k
Ω
Collector current I
C
(mA)
0.01
0.03
0.1
0.3
1
0
300
240
120
180
60
V
CE=10V
G
V=80dB
Function=RIAA
4.7k
Ω
R
g=100kΩ
22k
Ω
Collector current I
C
(mA)
1
3
10
30
100
0
300
240
120
180
60
V
CE=10V
G
V=80dB
Function=RIAA
0.1mA
I
C=1mA
0.5mA
Signal source resistance R
g
(k
Ω)
1
3
10
30
100
0
160
120
40
100
140
80
20
60
V
CE=10V
G
V=80dB
Function=FLAT
0.1mA
I
C=1mA
0.5mA
Signal source resistance R
g
(k
Ω)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com