Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3929 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3929
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3929 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3929 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3929 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3929 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC3929, 2SC3929A
Silicon NPN epitaxial planer type
For low-frequency output amplification
Complementary to 2SA1531 and 2SA1531A
s Features
q
Low noise voltage NV.
q
High foward current transfer ratio hFE.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
35
55
35
55
5
100
50
150
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
2SC3929
2SC3929A
2SC3929
2SC3929A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Noise voltage
Transition frequency
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
VBE
NV
fT
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 5V, IC = 2mA
IC = 100mA, IB = 10mA
VCE = 1V, IC = 100mA
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
VCB = 5V, IE = –2mA, f = 200MHz
min
35
55
35
55
5
180
typ
0.7
80
max
100
1
700
0.6
1
150
Unit
nA
µA
V
V
V
V
V
mV
MHz
*1h
FE1 Rank classification
Rank
R
S
T
hFE
180 ~ 360
260 ~ 520
360 ~ 700
2SC3929
SR
SS
ST
2SC3929A
TR
TS
TT
Marking symbol :
S(2SC3929)
T(2SC3929A)
Unit: mm
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Marking
Symbol
2SC3929
2SC3929A
2SC3929
2SC3929A


Similar Part No. - 2SC3929

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3929 KEXIN-2SC3929 Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar
2SC3929A KEXIN-2SC3929A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar
logo
NXP Semiconductors
2SC3929A;TT;SOT-323 PHILIPS-2SC3929A;TT;SOT-323 Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
More results

Similar Description - 2SC3929

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC5335 PANASONIC-2SC5335 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2179 PANASONIC-2SD2179 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2459 PANASONIC-2SD2459 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com