Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27262 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27262
Description  Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27262 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27262 Datasheet HTML 3Page - National Semiconductor (TI) LM27262 Datasheet HTML 4Page - National Semiconductor (TI) LM27262 Datasheet HTML 5Page - National Semiconductor (TI) LM27262 Datasheet HTML 6Page - National Semiconductor (TI) LM27262 Datasheet HTML 7Page - National Semiconductor (TI) LM27262 Datasheet HTML 8Page - National Semiconductor (TI) LM27262 Datasheet HTML 9Page - National Semiconductor (TI) LM27262 Datasheet HTML 10Page - National Semiconductor (TI) LM27262 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics (Note 5),(Note 6) V
CC5V = 5V unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DAC Voltage Accuracy
with Internal VREF
VID codes from 1.5625V to 1.6000V
±0.9
%
VID codes from 0.8375V to 1.1000V
±0.9
%
VID codes from 1.1125V to 1.5500V
±0.75
%
DAC Voltage Accuracy
with External VREF =
1.225V
VID codes: 1.5500V & 1.6000V
-0.6
-0.8
±0.15
0.75
0.8
%
VID codes: 0.8375V & 1.0000V
-1.0
-1.2
-0.15
1.0
1.2
%
VID codes: 1.1000V, 1.2000, 1.3000, 1.4000 &
1.5000
-0.5
-0.8
±0.1
0.5
0.8
%
REFERENCE VOLTAGE
Internal Reference
Voltage
1.210
1.235
1.260
V
VREF Output Load
Regulation
I
VREF from 0 to 50 µA
-2.5
mV
VREF Line Regulation
V
CC5V = (4.65V to 5.5V), IVREF = 50uA
±0.2
mV
External VREF Voltage REFINT=LOW, see LM27201 Electrical Specs.
1.225
V
External VREF
Compensating Offset
(applied internally)
REFINT=LOW
10
mV
STANDARD OFFSET PROGRAMMING INPUTS: VPROG, VSTDOS, IREF
IREF Output Voltage
100 µA Load Current
1.400
V
VOS
(VSTDOS-VPROG)
IREF = 80.4 µA, R
OS = 309
-25
mV
LOAD LINE SLOPE ADJUSTMENT (SLADJ), CURRENT LIMIT (CLIMADJ)
SLADJ2 Input Source
Current
SLADJ2 connected to GND
0.07
µA
CLIMADJ Input Source
Current
V
CLIMADJ = VREF
2
µA
Load Line Slope (LLS) SLADJ divider 41.2k/8.45k, R
SENSE =2m
Ω
-1.3
m
Ω
LLS Maximum Error
Nominal LLS = -1.3mV/A, I
SLADJ1 =50µA,
Isense diff. input = 20mV; not switching
±0.06
m
Ω
CURRENT SENSE LINES VILx AND VIHx
Current Sense
Amplifier Input Offset
Voltage
Common Mode Voltage = 1.30V
±0.5
mV
Current Sense
Differential Voltage
Range
Over full VID range
0-100
mV
Current Sense Input
Source Current
VIHx = VILx = 100mV
14
25
µA
Differential Input
Resistance
Common Mode Voltage = 1.3V
1
k
Ω
CORE VOLTAGE ERROR AMPLIFIER
VCORE Input Bias
Current
VFB = 1.4V
0.3
µA
COMP Output Sink
Current
Vcomp = 2.5V VFB = 5V
100
µA
COMP Output Source
Current
Vcomp = 4V VFB = 0V
0.5
mA
VFB Input Bias Source
Current
VFB = 1.4V VDAC = 1.3V
1.0
µA
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com