Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27262 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27262
Description  Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27262 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM27262 Datasheet HTML 4Page - National Semiconductor (TI) LM27262 Datasheet HTML 5Page - National Semiconductor (TI) LM27262 Datasheet HTML 6Page - National Semiconductor (TI) LM27262 Datasheet HTML 7Page - National Semiconductor (TI) LM27262 Datasheet HTML 8Page - National Semiconductor (TI) LM27262 Datasheet HTML 9Page - National Semiconductor (TI) LM27262 Datasheet HTML 10Page - National Semiconductor (TI) LM27262 Datasheet HTML 11Page - National Semiconductor (TI) LM27262 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics (Note 5),(Note 6) V
CC5V = 5V unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Error Amp Input Offset
Voltage
VDAC = 1.3V
±1
mV
Error Amplifier Open
loop DC Gain
VFB = 1.3V, Comp Pin open
730
V/V
OSCILLATOR
Active Mode Switching
Frequency
235
300
345
kHz
Minimum On-Time
120
ns
Maximum Duty Cycle
75
%
SOFT START AND SOFT STOP (SOFTCAP), VIDSLEW
SOFTCAP Charge
Current
2.2
3.2
4.4
µA
SOFTCAP Discharge
Resistor
Measured from SOFTCAP pin to GND pin
50
k
Ω
DELAY FUNCTION
DELAY Source/Charge
Current
V
DELAY =0V
9
12
15
µA
DELAY Discharge
Current
V
DELAY =5V
1
mA
DELAY Threshold
Voltage
V
DELAY rising
1.4
V
PWRGOOD, UVP, OVP FAULT LATCHING THRESHOLD
VPGH%
PWRGD OVP
Threshold
Difference of VCORE pin above EA int.
reference voltage measured at VFB pin in test
mode; VID = 110110 = 1.3V, V
OS = 25mV
0.23
V
VPGL%
PWRGD UVP
Threshold
Percentage of VCORE pin below EA int.
reference voltage measured at VFB pin in test
mode; VID = 110110 = 1.3V, V
OS = 25mV
86
89
92
%
PWRGD Output Low
Voltage
PWRGD sinking 4mA (open drain)
0.15
V
PWRGD Leakage
Current
PWRGD pulled up to 5.5V
1
10
µA
VCORE OVP Latch
Threshold
Difference of VCORE pin above EA int.
reference voltage measured at VFB pin in test
mode; VID = 110110 = 1.3V, V
OS = 25mV
0.23
V
VCORE UVP Latch
Threshold
Percentage of VCORE pin below EA int.
reference voltage measured at VFB pin in test
mode; VID = 110110 = 1.3V, V
OS = 25mV
86
89
92
%
V
RON
Low Logic Level Input
Voltage
0.3
V
High Logic Level Input
Voltage
1.2
V
Low-to-High Voltage
Threshold
0.95
-
V
V
RON Threshold
Hysteresis
0.1
-
V
V
RON Leakage Current
V
VRON = 3.3V
5
20
µA
V
VRON = GND
50
nA
V
RON Assertion Delay
Delay of power on after VRON transition
(SOFTCAP = 0.01µF)
2
msec
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com