Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908732 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908732
Description  TMSTBP 2,5/ 5-STF-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908732 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908732 Datasheet HTML 1Page - PHOENIX CONTACT 1908732 Datasheet HTML 2Page - PHOENIX CONTACT 1908732 Datasheet HTML 3Page - PHOENIX CONTACT 1908732 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
TMSTBP 2,5/ 5-STF-5,08 AU
Order No.: 1908732
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1908732
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal surface:
Au, The plug allows conductors to be looped through from module to
module.
 
Commercial data
GTIN (EAN)
4
017918
447984
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 25 (PC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1908732

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190873 FESTO-190873 Datasheet
110Kb / 1P
On off valve
4/13/22
More results

Similar Description - 1908732

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1853201 PHOENIX-1853201 Datasheet
103Kb / 7P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 ABGYAU
1876628 PHOENIX-1876628 Datasheet
127Kb / 5P
MSTB 2,5/ 5-STF-5,08 AU
1879065 PHOENIX-1879065 Datasheet
117Kb / 3P
MSTBP 2,5/ 5-STF-5,08 ABGY AU
1962590 PHOENIX-1962590 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
1712348 PHOENIX-1712348 Datasheet
59Kb / 4P
Printed-circuit board connector - TMSTBP 2,5/ 4-STF-5,08 BK
1729522 PHOENIX-1729522 Datasheet
59Kb / 4P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 BK
1747834 PHOENIX-1747834 Datasheet
96Kb / 2P
TMSTBP 2,5/ 5-STF-5,08ABGYAUBS
1968510 PHOENIX-1968510 Datasheet
54Kb / 3P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 SET
1853191 PHOENIX-1853191 Datasheet
120Kb / 3P
TMSTBP 2,5/ 5-ST-5,08 ABGY AU
1877973 PHOENIX-1877973 Datasheet
120Kb / 3P
TMSTBP 2,5/ 5-ST-5,08 AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com