Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908732 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1908732
Description  TMSTBP 2,5/ 5-STF-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908732 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1908732 Datasheet HTML 1Page - PHOENIX CONTACT 1908732 Datasheet HTML 2Page - PHOENIX CONTACT 1908732 Datasheet HTML 3Page - PHOENIX CONTACT 1908732 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMSTBP 2,5/ 5-STF-5,08 AU Order No.: 1908732
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1908732
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 9, 2011
Accessories
Item
Designation
Description
Bridges
1733172
EBP 3- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 3
1733185
EBP 4- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 4
1733198
EBP 5- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 5
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1965458
SK 5,08/3,8 DN
Marker card, 4-color, for DeviceNet™ applications, self-adhesive,
for COMBICON plugs and headers, pitch 5.08 mm
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0805085
SK 5,08/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0805412
SK 5,08/3,8:UNBEDRUCKT
Marker cards, unprinted, with pitch divisions, self-adhesive, 10-
section marker strips, 12 strips per card, can be labeled with the
M-PEN
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1872619
A-MSTBV 2,5/ 5-GF-5,08
Base strip, Nominal current: 12 A, Nominal voltage: 250 V,
Mounting type: DIN rail mounting, Number of positions: 5,
Pitch: 5.08 mm, Color: green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com