Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5877S Datasheet(PDF) 1 Page - Rohm

Part # 2SC5877S
Description  Power transistor (60V, 0.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5877S Datasheet(HTML) 1 Page - Rohm

  2SC5877S Datasheet HTML 1Page - Rohm 2SC5877S Datasheet HTML 2Page - Rohm 2SC5877S Datasheet HTML 3Page - Rohm 2SC5877S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5877S
Transistors
1/3
Power transistor (60V, 0.5A)
2SC5877S
!
!
!
!
Features
1) High speed switching.
(Tf : Typ. : 80ns at IC = 500mA)
2) Low saturation voltage, typically
(Typ. : 150mV at IC = 100mA, IB = 10mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2089S
!
Applications
Small signal low frequency amplifier
High speed switching
!
!
!
!
External dimensions (Unit : mm)
Taping specifications
Symbol : C5877S
SPT
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
(1) Emitter
(2) Collector
(3) Base
!
!
!
!
Structure
NPN Silicon epitaxial planar transistor
!
!
!
!
Packaging specifications
Taping
2SC5877S
Type
TP
5000
Package
Basic ordering unit (pieces)
Code
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
A
mW
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
60
60
6
0.5
1.0
300
150
−55 to 150
∗1
∗Pw=10ms


Similar Part No. - 2SC5877S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5874S ROHM-2SC5874S Datasheet
98Kb / 4P
Medium power transistor (30V, 1.0A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5877S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2088 ROHM-2SA2088 Datasheet
97Kb / 4P
Medium power transistor (-60V, -0.5A)
2SC5868 ROHM-2SC5868 Datasheet
59Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
Medium power transistor (-60V, -0.5A)
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_11 Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876T106Q ROHM-2SC5876T106Q Datasheet
305Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
Medium power transistor (-60V, -0.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com