Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5874S Datasheet (PDF) - Rohm

2SC5874S Datasheet PDF - Rohm
Part # 2SC5874S
Download  2SC5874S Download
File Size   98.9 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (30V, 1.0A)

2SC5874S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5874S Datasheet PDF - Rohm

Part # 2SC5874S
Download  2SC5874S Click to download

File Size   98.9 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (30V, 1.0A)

2SC5874S Datasheet (HTML) - Rohm




Similar Part No. - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
More results


Similar Description - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
Medium power transistor (-30V, -1.0A)
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
Medium power transistor (30V, 1.0A)
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
Medium power transistor (30V, 2A)
2SA2113 ROHM-2SA2113 Datasheet
44Kb / 4P
Medium power transistor (-30V, -2A)
2SA2047 ROHM-2SA2047 Datasheet
43Kb / 4P
MEDIUM POWER TRANSISTOR (-30V,-0.5A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
Medium power transistor (-30V, -1.0A)
2SA2086S ROHM-2SA2086S Datasheet
96Kb / 4P
Medium power transistor (-30V, -1A)
2SC5730K ROHM-2SC5730K Datasheet
59Kb / 4P
Medium power transistor (30V, 1A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com