Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2113 Datasheet (PDF) - Rohm

2SA2113 Datasheet PDF - Rohm
Part # 2SA2113
Download  2SA2113 Download
File Size   44.85 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-30V, -2A)

2SA2113 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2113 Datasheet PDF - Rohm

Part # 2SA2113
Download  2SA2113 Click to download

File Size   44.85 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-30V, -2A)

2SA2113 Datasheet (HTML) - Rohm




Similar Part No. - 2SA2113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112 Datasheet
28Kb / 4P
High Current Switching Applications
2SA2112 SANYO-2SA2112 Datasheet
487Kb / 7P
High Current Switching Applications
logo
ON Semiconductor
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2112-AN ONSEMI-2SA2112-AN Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112_12 Datasheet
487Kb / 7P
High Current Switching Applications
More results


Similar Description - 2SA2113

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 2A)
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
Medium power transistor (30V, 2A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
Medium Power Transistor (60V, 2A)
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-30V/-2A)
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 2A)
2SB1188 ROHM-2SB1188_V01 Datasheet
134Kb / 4P
Medium power Transistor(32V,2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com