Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2113 Datasheet(PDF) 2 Page - Rohm

Part # 2SA2113
Description  Medium power transistor (-30V, -2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2113 Datasheet(HTML) 2 Page - Rohm

  2SA2113 Datasheet HTML 1Page - Rohm 2SA2113 Datasheet HTML 2Page - Rohm 2SA2113 Datasheet HTML 3Page - Rohm 2SA2113 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2113
Transistor
2/3
!
!
!
!Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
−30
−−
VIC
= −100µA
IC
= −1mA
IE
= −100µA
VCB
= −20V
VEB
= −4V
IC
= −1A, IB= −0.1A
VCE
= −2V, IC= −100mA
VCE
= −10V, IE=100mA, f=10MHz
VCB
= −10V, IE=0mA, f=1MHz
BVCEO
−30
−−
V
BVEBO
−6
−−
V
ICBO
−−
−1.0
µA
IEBO
−−
−1.0
µA
VCE (sat)
−−200 −400 mV
hFE
120
−
390
−
fT
−
350
−
MHz
Cob
−
25
−
pF
Ton
−
25
−
ns
Tstg
−
100
−
ns
Tf
−
20
−
ns
IC
= −2A
IB1
= −200mA
IB2
=200mA
VCC
−25V ∗2
∗1
∗1
∗1 Non repetitive pulse
∗2 See switching characteristics measurement circuit
Turn-on time
Storage time
Fall time
Transition frequency
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
DC current gain
Collector output capacitance
!
!
!
!hFE RANK
QR
120
−270
180
−390
!
!
!
!Electrical characteristic curves
−0.01
−0.1
−1
−10
−100
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Safe Operating Area
−0.001
−0.01
−0.1
−1
−10
100ms
10ms
1ms
DC
Single
non repetitive
Pulse
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.2 Switching Time
10
100
1000
Ta
=25°C
VCC
= −25V
IC/IB
=10/1
Tstg
Tf
Ton
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current (
Ι)
1
10
100
1000
VCE
= −2V
Ta
=25°C
Ta
= −40°C
Ta
=125°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.4 DC Current Gain vs.
Collector Current (
ΙΙ)
1
10
100
1000
Ta
=25°C
VCE
= −5V
VCE
= −3V
VCE
= −2V
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.5 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)
−0.01
−0.1
−1
−10
Ta
=25°C
Ta
= −40°C
Ta
=125°C
IC/IB
=10/1
IC/IB
=10/1
Ta
=25°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.6 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
−0.01
−0.1
−1
−10
IC/IB
=20/1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com