Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2113 Datasheet(PDF) 3 Page - Rohm

Part # 2SA2113
Description  Medium power transistor (-30V, -2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2113 Datasheet(HTML) 3 Page - Rohm

  2SA2113 Datasheet HTML 1Page - Rohm 2SA2113 Datasheet HTML 2Page - Rohm 2SA2113 Datasheet HTML 3Page - Rohm 2SA2113 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2113
Transistor
3/3
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.7 Base-Emitter Saturation
Voltage vs. Collecter Current
−0.01
−0.1
−1
−10
IC/IB
=10/1
Ta
=125°C
Ta
=25°C
Ta
= −40°C
0
−0.5
−1
−1.5
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.8 Grounded Emitter
Propagation Characteristics
−0.01
−0.1
−1
−10
VCE
=2V
Ta
= −40°C
Ta
=25°C
Ta
=125°C
0.001
0.01
0.1
1
10
EMITTER CURRENT : IE (A)
Fig.9 Transition Frequency
1
10
100
1000
Ta
=25°C
VCE
= −10V
−0.1
−1
−10
−100
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.10 Collector Output Capacitance
1
10
100
Ta
=25°C
f
=1MHz
!
!
!
!Switching characteristics measurement circuits
VIN
PW
RL=12.5
Ω
IC
IB1
IB2
PW 50
µs
DUTY CYCLE 1%
VCC
−25V
Ton
Tstg
Tf
IC
IB2
IB1
10%
90%
BASE CURRENT
WAVEFORM
COLLECTOR CURRENT
WAVEFORM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com