Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF37 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SF37
Description  Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 3.0Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SF37 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SF37 Datasheet HTML 1Page - First Silicon Co., Ltd SF37 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICO NDUC TOR
TECHNICAL DATA
SF31 ~ SF38
2012.09.27
1/2
Revision No 0
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 3.0Amp
Low forward voltage drop
High current capability
High reliability
High surge current capability
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or induc ive load.
For capacitive load, derate current by 20%


Similar Part No. - SF37

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF37 MOSPEC-SF37 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
logo
Won-Top Electronics
SF37 WTE-SF37 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF37 EIC-SF37 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF37 FORMOSA-SF37 Datasheet
36Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF37 FORMOSA-SF37 Datasheet
65Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF37

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
logo
First Silicon Co., Ltd
1N5400 FS-1N5400 Datasheet
740Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 3.0AMP Rectifiers
GN3A FS-GN3A Datasheet
150Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
SF11 FS-SF11 Datasheet
328Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~1000V, Forward Current 1.0Amp
SF21 FS-SF21 Datasheet
490Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
SF51 FS-SF51 Datasheet
371Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 5.0Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com