Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EAXM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2EAXM
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2EAXM Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2EAXM
M2EAXM SPECIFICATIONS
ES-5153 Rev.1 Page 3/6
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
L1 or L4 alarm output to L2 or L3 alarm output:
Basic insulation (300 V)
RoHS Directive
EN 50581
EXTERNAL VIEW
Up
Down
Mode
Set
PERCENT
50.00
L4 ▲
80.00
L3 ▲
70.00
L2 ▼
30.00
L1 ▼
20.00
%
Display
Mode Button
Set Button
Configurator Jack
Up Button
Down Button
COMPONENT
FUNCTION
Display
Indicates present values, setting values and abnormal information. Two types of present values at upper
and lower are displayed by setting.
Mode button
Used to shift from measuring mode to each setting mode. Destination to shift is changed by the time press-
ing and holding the button. Used to return from each setting mode to measuring mode. (press and hold for
2 sec. or more)
Set button
Used to change setting value of setting parameter. When at setting changeable state, used to enter (save)
the setting value. Used to move on through digits of setting value for input scaling at setting changeable
state.
Used to release latching alarm in measuring mode (hold down more than 2 seconds).
Up button
Used to shift through setting parameter, and to increase or select setting value.
Down button
Used to shift through setting parameter, and to decrease or select setting value.
Con gurator Jack
Used to con gure with M2EA con gurator software (model: M2EACFG). At the same time, set the lockout
setting of the unit to ‘lock’.
Refer to the operating manual (EM-5153-B) for detailed procedures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com