Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EAXM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2EAXM
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2EAXM Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXM Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M2EAXM
M2EAXM SPECIFICATIONS
ES-5153 Rev.1 Page 2/6
http://www.m-system.co.jp/
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow (reversing display of the current
value and the alarm setting value when alarm is tripped)
Display life: Approx. 60000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position: Selectable
INPUT SPECIFICATIONS
Minimum span: 5 % of total resistance
Excitation: Approx. 0.5 V DC
OUTPUT SPECIFICATIONS
■ Quad Alarm
Relay rating: 100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ DUAL ALARM
Relay rating: 100 V AC @ 4 A (cos ø = 1)
120 V AC @ 4 A (cos ø = 1)
240 V AC @ 2 A (cos ø = 1)
30 V DC @ 4 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 480 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
0
50
100
Input
%
LL
L
HH
H
L2 (5–7)
L3 (5–8)
L4 (3–9)
L1 (3–6)
ON
ON
OFF
ON
ON
OFF
OFF
OFF
• Example
Quad N.O. contacts (LL, L, H, HH)
Alarm Trip Operation
Terminal No. in parentheses
Trip operation in power failure
Output code 2 : All relays turn OFF.
Output code 3 : All relays turn ON.
Output code 5 : Terminals 3 – 9, 5 – 8 turn ON.
INSTALLATION
Power Consumption
•AC:
Max. 5 VA at 100 V
Max. 6 VA at 200 V
Max. 7 VA at 264 V
•DC: ≤ 2.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: Approx. 200 g (0.44 lb)
PERFORMANCE in percentage of FS input
Accuracy (display accuracy, setting accuracy):
± (0.1% of FS + 1 digit)
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time (Filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to L1 or L4
alarm output to L2 or L3 alarm output to power to ground)
(for output code 5, L3 alarm output and L4 alarm output is
not available)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Total Resistance 1000 Ω, Input Setting 100 – 600
Ω
• Accuracy = Total Resistance (1000 Ω) ÷ Input Span
Setting (500 Ω) × 0.1 % = ±0.2 % + 1 digit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com