Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2DYHR Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2DYHR
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2DYHR Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2DYHR Datasheet HTML 1Page - M-System Co.,Ltd. M2DYHR Datasheet HTML 2Page - M-System Co.,Ltd. M2DYHR Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M2DYHR
M2DYHR SPECIFICATIONS
ES-5116 Rev.6 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
S
Z
5
9
12
13
14
250Ω
DC Isolation
HART Isolation
HART Isolation
8
4
1
U (+)
V (–)
POWER
*1
HHC
RL
OUTPUT
4 – 20mA DC
24V DC
+
–
*2
24V DC
Supply
Output
Driver
Opencircuit
Detector
+
+
–
2-WIRE XMTR
PWR SUPPLY
INPUT
*1
HHC
HHC
+
+
1
4
2-WIRE
XMTR
–
+
5
+
–
250Ω
■ When Used as DC Supply
■ When Used as Isolator
+
+
1
4
5
+
–
250Ω
1
INPUT
*1. Hand-held communicator
*2. Only for opencircuit detector (code /B)
*1
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com