Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2DYHR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2DYHR
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2DYHR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2DYHR Datasheet HTML 1Page - M-System Co.,Ltd. M2DYHR Datasheet HTML 2Page - M-System Co.,Ltd. M2DYHR Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M2DYHR
M2DYHR SPECIFICATIONS
ES-5116 Rev.6 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
CURRENT REPEATER
(applicable to HART signal, opencircuit detection selectable)
Functions & Features
• Isolation between 2-wire transmitters and current loop
supplies
• Isolates and relays HART signals
• Shortcircuit protection
• Opencircuit detection selectable
• Applicable to smart transmitters
Typical Applications
• 2-wire HART transmitters
Model
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2DYHR–24–[1][2]
ORDERING INFORMATION
• Code number: M2DYHR-24-[1][2]
Specify a code from below for each [1] and [2].
(e.g. M2DYHR-24-M2/B/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
24: 24 V DC
INPUT
Current
4 – 20 mA DC (Input resistance approx. 250 Ω)
OUTPUT
Current
4 – 20 mA DC (Supply voltage: 12 – 32 V DC)
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Opencircuit detection
blank: none
/B: Opencircuit detector
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +110 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Opencircuit detection: Input current 0 mA when the output
loop is open.
Photo MOS Relay ON Resistance; 3 Ω max.
SUPPLY OUTPUT
(across the terminals 1 – 5)
Output voltage: 24 – 28 V DC with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.


Similar Part No. - M2DYHR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2DYH MSYSTEM-M2DYH Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYH-24A-M2 MSYSTEM-M2DYH-24A-M2 Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYH-24A-M2/Q MSYSTEM-M2DYH-24A-M2/Q Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYH-24A-P MSYSTEM-M2DYH-24A-P Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYH-24A-P/Q MSYSTEM-M2DYH-24A-P/Q Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2DYHR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2UDS2 MSYSTEM-M2UDS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com