Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2DM
Description  Super-mini Signal Conditioners Mini-M Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2DM Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: M2DM
M2DM SPECIFICATIONS
ES-5001 Rev.1 Page 1/1
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
BLANK FILLER MODULE
Functions & Features
• Socket cover for installation base empty slots (model:
M2BSx)
Model
21.5 (.85)
70.5 (2.78)
mm (inch)
101
(3.98)
MODEL: M2DM
ORDERING INFORMATION
• Code number: M2DM
GENERAL SPECIFICATIONS
Construction: Plug-in
Housing material: Flame-resistant resin (black)
INSTALLATION
Mounting: Installation Base (model: M2BSx, M2BC or M2BD)
Weight: 70 g (2.5 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
21.5 (.85)
84 (3.31)
7 (.28)
10 (.39)
Specifications are subject to change without notice.


Similar Part No. - M2DM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2D OMRON-M2D Datasheet
925Kb / 6P
Cylindrical 8-dia. Indicator
logo
M-System Co.,Ltd.
M2D MSYSTEM-M2D Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
logo
Multicomp Pro
M2D MULTICOMP-M2D Datasheet
154Kb / 1P
M2D Series Miniature Double Action Switch
05/02/21 V1.0
logo
M-System Co.,Ltd.
M2D-24-M MSYSTEM-M2D-24-M Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M/CE MSYSTEM-M2D-24-M/CE Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com