Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAS70
Description  Schottky r e ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAS70 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAS70 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS70 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS70 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (@Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)
IR=10μA
70
V
Forward voltage
VF1
IF=1mA
410
mV
VF2
IF=15mA
1000
mV
Reverse voltage leakage current
IR
VR=50V
100
nA
Diode Capacitance
CD
VR=0V,f=1MHz
2
PF
Reverse recovery time
t r r
IF=IR=10mA,
Irr=1mA, RL= 100Ω
5
nS
Typical Characteristics
BAS70/-04/-05/-06
Rev :
www.leiditech.com
01.06.2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com