Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAS70
Description  Schottky r e ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAS70 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAS70 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS70 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS70 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
● Low Forward Voltage
● Fast Switching
● Also available in lead free version
Solid dot = Green molding compound device, if none,the normal device.
Maximum ratings (@Ta=25℃)
Parameter
Symbol
Limit
Unit
DC Blocking Voltage
VR
70
V
Forward Continuous Current
IFM
70
mA
Average rectified output current
Io
70
mA
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RθJA
500
℃
/W
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55~+150
℃
Schottky rectifier
BAS70/-04/-05/-06
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
S U P E R FA S T R E CO V E RY R E C T I F I E R
logo
Powerbox
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
logo
Guangdong Juxing Electr...
B5817WS JUXING-B5817WS Datasheet
1Mb / 3P
Schottky Barri e r R e c t i f iers
logo
Shanghai Leiditech Elec...
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
Schottkyre ctifier
DSK32 LEIDITECH-DSK32 Datasheet
1Mb / 3P
Schottkyre ctifier
SS12 LEIDITECH-SS12 Datasheet
1Mb / 2P
Schottkyre ctifier
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
SS22A LEIDITECH-SS22A Datasheet
349Kb / 3P
Schottkyre ctifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com