Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1086 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration APL1086 Datasheet HTML 10Page - Anpec Electronics Coropration APL1086 Datasheet HTML 11Page - Anpec Electronics Coropration APL1086 Datasheet HTML 12Page - Anpec Electronics Coropration APL1086 Datasheet HTML 13Page - Anpec Electronics Coropration APL1086 Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
13
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
MIL-STD-883D-1011.9
-65
°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
Application
A
B
C
J
T1
T2
W
P
E
330
±3
100
± 2 13 ± 0. 5 2 ± 0.5 16.4 + 0.3
-0.2
2.5
± 0.5 16+ 0.3
- 0.1
8
± 0.1 1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-252
7.5
± 0.1 1.5 +0.1 1.5± 0.25 4.0 ± 0.1 2.0 ± 0.1 6.8 ± 0.1 10.4± 0.1 2.5± 0.1 0.3±0.05
Application
A
B
C
J
T1
T2
W
P
E
380
±3
80
± 2
13
± 0. 5 2 ± 0.5
24
± 42± 0.3
24 + 0.3
- 0.1
16
± 0.1 1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-263
11.5
± 0.1 1.5 +0.1 1.5± 0.25 4.0 ± 0.1 2.0 ± 0.1 10.8 ± 0.1 16.1± 0.1 5.2± 0.1 0.35±0.01
3
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com