Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1086 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1086 Datasheet HTML 1Page - Anpec Electronics Coropration APL1086 Datasheet HTML 2Page - Anpec Electronics Coropration APL1086 Datasheet HTML 3Page - Anpec Electronics Coropration APL1086 Datasheet HTML 4Page - Anpec Electronics Coropration APL1086 Datasheet HTML 5Page - Anpec Electronics Coropration APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
V
I
Input Voltage
12
V
T
J
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
L
Lead Temperature (Soldering, 10 second)
260
°C
Pin Description
Front View for TO-220
Front View for TO-263
1
2
3
V
IN
V
OU T
AD J
TA B is V
OU T
1
2
3
V
IN
V
OUT
ADJ
P a c k age C o de
F : T O -2 2 0
G : T O -2 6 3
U : T O -2 5 2
V : S O T - 2 2 3
T e m p . R a nge
C : 0 to 70 C
H a ndling C o de
T U : T u b e
T R : T a p e & R e e l
V o ltage C ode
18 : 1.8V
25 : 2.5V
285 : 2.85V
3 3 : 3.3V
B lank : A d ju stable V e rs io n
°
A P L1 08 6 -
H a ndling C o de
T e m p . R ange
P a c k age C ode
V o lt age C o de
A P L1086
XX XXX 2 5
XX XXX
- Da te Co d e
A P L1086- 25V :
A P L1086
XX XXX 3 3
XX XXX
- Da te Co d e
A P L1086- 33V :
A P L1086 - 33F / G / U :
A P L1086
XX XXX
33
A P L1086 - 25F / G / U :
A P L1086
XX XXX
25
A P L1086 - 18F / G / U :
A P L1086
XX XXX
- Da te Co d e
XXXXX
18
A P L1086
XX XXX 1 8
XX XXX
- Da te Co d e
A P L1086- 18V :
A P L1086
XX XXX 2 8 5
XX XXX
- Da te Co d e
A P L1086- 285V
:
A P L1086 - 285F / G / U :
A P L1086
XX XXX
285
A P L1086 F / G / U :
A P L1086
XX XXX
XX XXX
- Da te Co d e
A P L1086 V :
- Da te Co d e
XXXXX
- Da te Co d e
XXXXX
- Da te Co d e
XXXXX
A P L1086
XX XXX
- Da te Co d e
XXXXX
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com