Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1997 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1997 Datasheet HTML 1Page - Maxim Integrated Products MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, FB, FBP, FBN, FB1, FB2, ONDC,
ONP, ONN, ON2, TGNDA, TGNDB to GND.............-0.3V to +6V
PGND to GND .....................................................................
±0.3V
LX, VDDB to GND....................................................-0.3V to +14V
DRVP, DRV1, DRV2, DRVA to GND .......................-0.3V to +30V
REF, FREQ, GATE, OCN, OCP, CT,
PFLT to GND ..................................................-0.3V to VIN + 0.3V
DRVN to GND ..........................................VIN - 28V to VIN + 0.3V
FBPB, FBNB, OUTB to GND.......................-0.3V to VDDB + 0.3V
OUTB Continuous Output Current ..................................
±100mA
MAX1997 Continuous Power Dissipation (TA = +70
°C)
32-Pin Thin QFN
(derate 21.2mW/
°C above +70°C)............................1702mW
MAX1998 Continuous Power Dissipation (TA = +70
°C)
20-Pin Thin QFN
(derate 20mW/
°C above +70°C)...............................1600mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 3V, VDDB = 10V, SHDN = ONDC = FREQ = IN, CREF = 0.22µF, PGND = GND, TA = 0°C to +85°C.
Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Supply Range
2.7
5.5
V
VIN rising
2.5
2.7
2.9
IN Undervoltage Lockout Threshold
350mV (typ)
hysteresis
VIN falling
2.2
2.35
2.5
V
VFB = VFBP = VFB1 = VFB2 = 1.5V, VFBN = 0
(MAX1997 only)
0.54
1.25
IN Quiescent Current (Note 1)
VFB = VFBP = 1.5V, VFBN = 0 (MAX1998 only)
0.476
1
mA
IN Shutdown Current
V SHDN = 0, VIN = 5.5V
0.1
1
µA
-2µA < IREF < 50µA
1.231
1.250
1.269
REF Output Voltage
-2µA < IREF < 75µA
1.225
1.250
1.275
V
Thermal Shutdown
160
°C
OVERCURRENT COMPARATOR
Input Offset Voltage
VOCN = VOCP = 1.5V to 0.8V
× VIN
-5
+5
mV
Input Bias Current
VOCN = VOCP = 0.8V
× VIN
-50
+50
nA
OCN, OCP Input Common-Mode Range
1.5
0.8
×
VIN
V
FAULT TIMER
PFLT = GND (MAX1997 only)
21.8
PFLT unconnected (MAX1997 only)
43.6
Fault Timer Period
PFLT = IN, or MAX1998
87.2
ms
GATE Output Sink Current During Slew
VGATE = 1.5V during turn-on transition
5
10
15
µA
GATE Output Pulldown Resistance
VGATE < 0.5V
200
Ω
GATE Output Pullup Resistance
200
Ω
MAIN STEP-UP REGULATOR
Output Voltage Range
VIN
13
V
FREQ = IN
1.5
FREQ unconnected
0.637
0.75
0.863
Operating Frequency
FREQ = GND
0.375
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com