Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1997 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 17Page - Maxim Integrated Products MAX1997 Datasheet HTML 18Page - Maxim Integrated Products MAX1997 Datasheet HTML 19Page - Maxim Integrated Products MAX1997 Datasheet HTML 20Page - Maxim Integrated Products MAX1997 Datasheet HTML 21Page - Maxim Integrated Products MAX1997 Datasheet HTML 22Page - Maxim Integrated Products MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products MAX1997 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
21
The maximum inductor current, input voltage, output
voltage, and switching frequency determine the induc-
tor value. To ensure an adequate inductor current-
sense signal in the IC, always calculate the inductor
value with the maximum guaranteed inductor current
even though the actual operating current may be much
lower. For the MAX1997/MAX1998, the maximum guar-
anteed inductor current is the minimum value of the
internal LX current limit (1.6A, see the Electrical
Characteristics). The equations provided here include a
constant defined as LIR, which is the ratio of the peak-
to-peak inductor current ripple to the average DC
inductor current. For a good compromise between the
size of the inductor, power loss, and output voltage rip-
ple, select an LIR of 0.3 to 0.5. The inductance value is
then given by:
where fOSC is the oscillator frequency (see Elec-
trical Characteristics), and IL(MAX) is 1.6A. Considering
the typical application circuit, the typical input voltage
is 3.3V, the main output voltage is 9V, and the switching
frequency is 1.5MHz. Based on the above equations,
the inductance value is 4.3µH for an LIR of 0.2. The
inductance value is 1.7µH for an LIR of 0.5. The induc-
tance in the standard application circuit is chosen to be
3.3µH.
The inductor’s peak current rating should be higher
than the expected peak inductor current throughout the
normal operating range. The expected peak inductor
current is given by:
where
η is the efficiency of the regulator. For most
applications, the efficiency is between 75% and 85%.
Under fault conditions, the inductor current may reach
the internal LX current limit (see Electrical Character-
istics). However, soft saturation inductors and the con-
troller’s fast current-limit circuitry protect the device
from failure during such a fault condition.
The inductor’s DC resistance can significantly affect
efficiency due to the resistive power loss (PLR), which
can be approximated by the following equation:
where ILAVG is the average inductor current and RL is
the inductor’s series resistance. For best performance,
select inductors with resistance less than the internal
N-channel MOSFET’s on-resistance (0.25
Ω typ). To
minimize radiated noise in sensitive applications, use a
shielded inductor.
PI
R
IV
V
R
LR
LAVG
L
MAIN
MAIN
IN
L
2
2
=≅
×


I
IV
V
1
1
2
V
V
V- V
Lf
PEAK
MAIN(MAX) MAIN
IN(MIN)
IN(MIN)
MAIN
MAIN
IN(MIN)
OSC
=


+






η
L
V
V
V- V
If
1
LIR
IN(TYP)
MAIN
MAIN
IN(TYP)
L(MAX) OSC
=




Figure 8. Startup and Fault Protection Logic
R
S
Q
SHDN
ONDC
GATE
ENABLES REG 1 LINEAR-REGULATOR
ENABLES REG 2 LINEAR-REGULATOR
ENABLES STEP-UP REGULATOR
ENABLES REG P LINEAR-REGULATOR
ENABLES REG N LINEAR-REGULATOR
UVLO
REFERENCE READY
THERMAL FAULT
OVERCURRENT FAULT
REG 2 FAULT
REG 1 FAULT
REG P FAULT
STEP-UP REGULATOR FAULT
REG N FAULT
fOSC/128
FREQ
CLK
GATE
READY
STEP-UP REGULATOR
SOFT-START DONE
VCT > VON2
VCT > VONP
VCT > VONN
R
RIPPLE
COUNTER
PFLT
FAULT TIMER
FAULT
LATCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com