Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE431 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE431
Description  The output voltage can be adjusted to 36V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE431 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE431 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE431 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE431 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE431 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE431 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LCE431
Features:
The output voltage can be adjusted to 36V
Low dynamic output impedance ,its typical value is 0.2
Ω
Trapping current capability is 1 to 100mA
The typical value of the equivalent temperature factor in the
whole temperature scope is 50 ppm/
℃
The effective temperature compensation in the working
range of full temperature
Low output noise voltage
Fast on -state response
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies
unless otherwise specified)
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
36
V
Cathode Current Range (Continuous)
IKA
-100-+150
mA
Reference lnput Current Range
Iref
0.05-+10
mA
Power Dissipation
PD
300
mW
Operating Temperature
Topr
0-70
℃
StorageTemperature Range
Tstg
-65-+150
℃
℃
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reference input Voltage
Vref
VKA=VREF, IKA=10mA
2.483
2.495
2.507
V
Deviation of reference input Voltage
Over temperature (note)
△V
ref/△T
VKA =VREF, IKA =10 mA
Tmin≤Ta≤Tmax
-
4.5
17
mV
Ratio Of Change in Reference lnput
Voltage to the change in Cathode Voltage
△V
ref/△VKA
IKA=10mA
△VKA=10V~V
REF
-1.0
-2.7
mV/V
△VKA=36V~10V
-0.5
-2.0
mV/V
Reference input Current
lref
IKA= 10mA,R1=10KΩ R2=∞
-
1.5
4
uA
Deviation Of Reference input Current
Over Full Temperature Range
△l
ref/△T
lKA=10mA, R1=10KΩ R2=∞
TA=full Temperature
-
0.4
1.2
uA
Minimum cathode current for Regulation
IKA(min)
VKA=VREF
-
0.45
1.0
mA
Off-state cathode Current
IKA(OFF)
VKA=36V ,VREF=0
0.05
1.0
uA
Dynamic impedance
ZKA
VKA=VREF,lKA=1 to 100mA
f≤1.0KHz
-
0.15
0.5
Ω
Note:TMIN=0℃ ,TMAX=+70℃
CLASSIFICATION of Vref
Rank
0.5%
Range
2.483-2.507
1. REFERENCE
2. CATHODE
3. ANODE
Rev :
www.leiditech.com
01.06.2014
5/5


Similar Part No. - LCE431

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE43 EIC-LCE43 Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE43 MICROSEMI-LCE43 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Shenzhen Taychipst Elec...
LCE43 TAYCHIPST-LCE43 Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LCE43 ETC2-LCE43 Datasheet
354Kb / 4P
Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LCE43 NJSEMI-LCE43 Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LCE431

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
Power supply level that can be adjusted with potentiometer R20
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com