Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF58 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SF58
Description  Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 5.0Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SF58 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SF58 Datasheet HTML 1Page - First Silicon Co., Ltd SF58 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICO NDUC TOR
TECHNICAL DATA
SF51 ~ SF58
2012.09.27
1/2
Revision No 0
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 5.0Amp
Low forward voltage drop
High current capability
High reliability
High surge current capability
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or induc ive load.
For capacitive load, derate current by 20%
SF51
SF52
SF53
SF54
SF55
SF56
SF57
SF58
5.0
150
5.0A
50


Similar Part No. - SF58

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF58 MOSPEC-SF58 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
logo
Bytes
SF58 BYTES-SF58 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SF58 EIC-SF58 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SF58 TSC-SF58 Datasheet
257Kb / 2P
5.0 AMPS. Super Fast Rectifiers
SF58 TSC-SF58 Datasheet
67Kb / 2P
5.0 AMPS. Super Fast Rectifiers
More results

Similar Description - SF58

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Cystech Electonics Corp...
MUR460SB CYSTEKEC-MUR460SB Datasheet
418Kb / 6P
Ultra-fast Plastic Rectifiers Reverse Voltage 600V Forward Current 4A
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
logo
First Silicon Co., Ltd
SF11 FS-SF11 Datasheet
328Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~1000V, Forward Current 1.0Amp
SF21 FS-SF21 Datasheet
490Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
SF31 FS-SF31 Datasheet
496Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 3.0Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com