Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM30 Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Specifications are subject to change without notice WM30 96 DS 071020
13
WM30 96
Function
Rotary switch position
Description
Unlok
1
All programming parameters are freely modifiable by means
of the front key-pad and by means of the communication
port.
Lock
7
The key-pad, as far as programming is concerned and the
data through the serial communication cannot be changed
(no writing into meter allowed). Data reading is allowed.
Back protection rotary switch
No
Line 1
Line 2
Line 3
Line 4
Line 5
Note
Applications
A B C D E
F G
1
Lot n. (text) xxxx
Yr. (text) xx
SYS (text)
x (1/2/3)
1...60 (min) “dmd”
x
x
x
x
x
x
x
2
Conn. xxx.x
(3ph.n/3ph/3ph./
3ph.2/1ph/2ph)
CT.rA (text)
1.0 … 99.99k
PT.rA (text)
1.0...9999
x
x
x
x
x
x
x
3
LED PULSE
(text) kWh
xxxx kWh per
pulse
x
x
x
x
x
x
x
4
PULSE out1
(text) kWh/kvarh
xxxx kWh/kvarh
per pulse
+/- tot/PAr
x
x
x
x
x
x
x
5
PULSE out2
(text) kWh/kvarh
xxxx kWh/kvarh
per pulse
+/- tot/PAr
x
x
x
x
x
x
x
6
Remote out
out1 (text)
on/oFF
Out2 (text)
on/oFF
x
x
x
x
x
x
x
7
Alarm 1 nE/nd
None / out 1 /
out 2
Set 1
Set 2
(measurement)
x
x
x
x
8
Alarm 2 nE/nd
None / out 1 /
out 2
Set 1
Set 2
(measurement)
x
x
x
x
9
Alarm 3 nE/nd
None / out 1 /
out 2
Set 1
Set 2
(measurement)
x
x
x
x
10 Alarm 4 nE/nd
None / out 1 /
out 2
Set 1
Set 2
(measurement)
x
x
x
x
11
Analogue 1
Hi:E
0.0 ... 9999
Hi.A
0.0 ... 100.0%
x
x
x
x
12
Analogue 2
Hi:E
0.0 ... 9999
Hi.A
0.0 ... 100.0%
x
x
x
x
13
COM port
None / out 1 /
out 2
xxx (address)
bdr (text)
9.6/19.2/
38.4/115.2
x
x
x
x
x
x
x
14
IP address
XXX
XXX
XXX
XXX
x
x
x
x
x
x
x
Additional available information on the display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com