Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM30 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  WM30 Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
Position of modules and combination
NOTE:
The position of the modules shall respect the sequence A-B-C.
Possible arrangements are M, M-A, M-B, M-C, M-A-B, M-A-C,
M-B-C and M-A-B-C where “M” is the basic module (WM30-96).
It is possible to use the WM30-96 without any additional
module as a simple indicator.
Ref
Description
Main features
Part number Pos. A Pos. B Pos. C
1
WM30 base provided with display,
power supply, measuring inputs
• Inputs/system: AV5.3
• Power supply: H
WM30 AV5 3 H
2
• Inputs/system: AV6.3
• Power supply: H
WM30 AV6 3 H
3
• Inputs/system: AV4.3
• Power supply: H
WM30 AV4 3 H
4
• Inputs/system: AV7.3
• Power supply: H
WM30 AV7 3 H
• Inputs/system: AV5.3
• Power supply: L
WM30 AV5 3 L
• Inputs/system: AV6.3
• Power supply: L
WM30 AV6 3 L
• Inputs/system: AV4.3
• Power supply: L
WM30 AV4 3 L
• Inputs/system: AV7.3
• Power supply: L
WM30 AV7 3 L
5 Dual relay output (SPDT)
• 2-channel
• Alarm or/and pulse output
M O R2
X
6 Dual static output (AC/DC Opto-Mos) • 2-channel
• Alarm or/and pulse output
M O O2
X
7 Dual analogue output (+20mADC)
• 2-channel
M O A2
X
8 Dual analogue output (+10VDC)
• 2-channel
M O V2
X
9 RS485 / RS232 port module
• Max. 115.2 Kbps
M C 485 232
X
10 Ethernet port module
• RJ45 10/100 BaseT
M C ETH
X
11 BACnet-IP port module
• Based on Ethernet bus
M C BAC IP
X
12 BACnet-MS/TP port module
• Over RS485
M C BAC MS
X
13 Profibus module
• Profibus DP V0
• Over RS485
M C P B
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com