Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM20 Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # WM20
Description  Power analyzer for three-phase systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM20 Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button WM20 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
Carlo Gavazzi Controls S.p.A.
Main unit
WM20 DS ENG
04/03/2019
Connection Diagrams
L1 L2 L3 NS1S2S1S2S1S2
I1
I2
I3
L1 L2 L3 NS1S2S1S2S1S2
I1
I2
I3
L1 N
S1 S2
I1
Fig. 5 Three-phase system with
neutral (4-wire), unbalanced load
and 3 CT. 315 mA fuse (F).
Fig. 6 Three-phase system with
neutral (4-wire), unbalanced load,
3 CT and 3 VT/PT
Fig. 7 Three-phase system with
neutral (4-wire), balanced load, 1
CT. 315 mA fuse (F).
L1 N
S1 S2
I1
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
Fig. 8 Three-phase system with
neutral (4-wire), balanced load, 1
CT and 1 VT/PT
Fig. 9 Three-phase system with-
out neutral (3-wire), unbalanced
load and 3 CT. 315 mA fuse (F).
Fig. 10 Three-phase system with-
out neutral (3-wire), unbalanced
load, 3 CT and 2 VT/PT.
L1 L2 L3
S1 S2 S1 S2
S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2
S1 S2
I1
I2
I3
L1 L2 L3
S1 S2
I1
Fig. 11 Three-phase system with-
out neutral (3-wire) unbalanced
load and 2 CT (Aron). 315 mA
fuse (F).
Fig. 12 Three-phase system with-
out neutral (3-wire), unbalanced
load, 2 CT (Aron) and 2 VT/PT.
Fig. 13 Three-phase system
without neutral (3-wire), balanced
load, 1 CT.
L1 L2 L3
S1 S2
I1
Fig. 14 Three-phase system
without neutral (3-wire), balanced
load, 1 CT and 2 VT/PT.
Fig. 15 Two-phase system (3-
wire), 2 CT. 315 mA fuse (F).
Fig. 16 Two-phase system (3-
wire), 2 CT and 2 VT/PT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com