Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM20 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # WM20
Description  Power analyzer for three-phase systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM20 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  WM20 Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM20 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Carlo Gavazzi Controls S.p.A.
WM20
WM20 DS ENG
04/03/2019
Main functions
• Measure main electrical variables and voltage and current harmonic distortions
• Measure active and reactive energy
• Measure load operating hours
• Manage up to two alarms
• Manage two digital outputs (via optional accessory module)
• Transmit data to other systems (via optional accessory module)
Components
Module
Description
WM20
Main unit, measures and displays main electrical variables. With LCD display and
touch keypad, it lets you set measurement parameters, configure accessory mod-
ules and manage up to two alarms.
Digital outputs (optional)
Accessory module with two digital outputs. Expands main unit capacity, specifically
allowing you to:
Transmit pulses proportional to energy consumption
Control digital outputs (static or relay according to the module)
Communication (optional)
Accessory module that lets you transmit data to other systems or configure the
analyzer from remote
Compatible accessory modules
Type
Module description
Code
Digital outputs
Double static output
M O O2
Double relay output
M O R2
Communication
Modbus RTU communication on RS485/RS232
M C 485232
Modbus TCP/IP communication on Ethernet
M C ETH
BACnet IP communication on Ethernet
M C BAC IP
BACnet MS/TP communication on RS485
M C BAC MS
Profibus DP V0 communication on RS485
M C PB
Possible configurations
WM20 only
WM20 + 1 module
WM20 + 2 modules
WARNING: maximum 1 module per type. In the configuration with 2 modules, the communication module is
installed last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com