Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118908-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2118908-2
Description  Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118908-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2118908-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Return Loss
VSWR
Efficiency
RF DATA
Data measured in free space and on reference ground plane of 33 mm
length and 35 mm width, application data might vary
DATA AND DEVICES /// WI-FI 6/ 6E TRIPLE BAND ON BOARD ANTENNA
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
Standard Antenna Solutions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com