Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118908-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2118908-2
Description  Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118908-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2118908-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wi-Fi 6/ 6E TRIPLE BAND
ON BOARD ANTENNA
Part Numbers: 2118908-1, 2118908-2
•
WiFi 6, also including WiFi 6E new 6GHz band, Bluetooth, ZigBee
•
Global Frequency coverage
•
On board SMD mount PCB antenna
•
Minimal keep out zone requirement
•
Performance dependent on ground plane size and design
FEATURES & BENEFITS
DATA AND DEVICES /// WI-FI 6/ 6E TRIPLE BAND ON BOARD ANTENNA
SPECIFICATIONS
Frequency Range (MHz)
2400-2483.5
5150-5875
5925-7125
VSWR
< 2.0:1
< 2.5:1
< 2.5:1
Average Efficiency
80%
85%
80%
Peak Gain
2.3dBi
2.8dBi
2.3dBi
Average Gain
-1.0dBi
-0.7dBi
-1.0dBi
Power Handling
10 Watt cw
Feed Point Impedance
50 ohms unbalanced
Polarization
Linear
Size
18.9 mm x 6.2 mm x 0.76 mm
Weight
< 0.2 g
Mounting
Surface mount
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +85
°C
Packaging Specification
Bag & Box / Tape & Reel
Hazardous Materials
A certificate of conformance is available from the
product page on TE website.
Data measured in free space and on reference ground plane of 33 mm length and 35
mm width, application data might vary


Similar Part No. - 2118908-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2118908-2 TEC-2118908-2 Datasheet
9Mb / 18P
STANDARD AND CUSTOM ANTENNAS FOR IOT
More results

Similar Description - 2118908-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2108789-1 TEC-2108789-1 Datasheet
543Kb / 5P
Wi-Fi SINGLE BAND ON BOARD ANTENNA
2108790-1 TEC-2108790-1 Datasheet
545Kb / 5P
Wi-Fi SINGLE BAND ON BOARD ANTENNA
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
C-2108857 TEC-C-2108857 Datasheet
168Kb / 1P
PCB ANTENNA,CABLE,Wi-Fi 6E TRIPLE BAND
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com