Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW11T-331M Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW11T-331M
Description  Sealed Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW11T-331M Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW11T-331M Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6 Configuration and Dimensions:
7 Electrical Characteristics:
Z
RDC
IDC
Rated
Voltage
Insulation
Resistance
Tolerance
Test Freq.
( )
( )Max.
(mA)
(Vdc)
(M )(min)
(±%)
(MHz)
LDW11T-250M
25
0.3
400
20
10
30
100
LDW11T-600M
60
0.4
300
20
10
20
100
LDW11T-670M
67
0.25
300
50
10
20
100
LDW11T-900M
90
0.3
250
50
10
20
100
LDW11T-121M
120
0.4
200
50
10
20
100
LDW11T-161M
160
0.43
160
50
10
20
100
LDW11T-201M
200
0.8
120
50
10
20
100
LDW11T-331M
330
1.3
100
50
10
25
100
NOTE: □-tolerance M=±20% / Y=±25% / T=±30%
1.Operating temperature range
-40℃~105℃(Including self - temperature rise)
2.RDC: SINGLE WIRE TEST VALUE
3.IDC for Inductance drop 10% from its value without current.
"-N" FOR COMPLETELY LEAD FREE TYPE(INCLUDING FERRITE BODY & SOLDER)
Part No.
LDW11T Series
Rev :
www.leiditech.com
01.06.2018
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com