Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW11T-331M Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW11T-331M
Description  Sealed Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW11T-331M Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW11T-331M Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW11T-331M Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 Scope:
2 Part Numbering:
3 Rating:
20℃~25℃ R.H.65%(In Tape & Reel Condition)
4 Marking:
5 Standard Testing Condition
In case of doubt
Temperature
Ordinary Temperature(15 to 35
℃)
Ordinary Humidity(25 to 85% RH)
20 to 30
℃
Humidity
50 to 80 %RH
This specification applies to LDW11T FILTER
Operating Temperature: -40℃~105℃(Including self - temperature rise)
Storage Temperature:
Unless otherwise specified
Sealed Power Inductors
LDW11T Series
LDW
Rev :
www.leiditech.com
01.06.2018
1/8


Similar Part No. - LDW11T-331M

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
PAN-WAY PLASTIC SURFACE RACEWAY
logo
LETEX TECHNOLOGY CORP.
LDW1002 LETEX-LDW1002 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1003 LETEX-LDW1003 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1010 LETEX-LDW1010 Datasheet
69Kb / 3P
Reed Switch specifications
LDW101SM LETEX-LDW101SM Datasheet
191Kb / 2P
Reed Switch specifications
More results

Similar Description - LDW11T-331M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVH ETC2-LVH Datasheet
305Kb / 6P
Sealed Power Inductors
LVC ETC2-LVC Datasheet
509Kb / 10P
Sealed Power Inductors
LVF ETC2-LVF Datasheet
623Kb / 17P
Sealed Power Inductors
LVS ETC2-LVS Datasheet
542Kb / 16P
Sealed Power Inductors
LVT ETC2-LVT Datasheet
626Kb / 14P
Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
Sealed Power Inductors
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
Sealed Power Inductors
LDW21T LEIDITECH-LDW21T Datasheet
1Mb / 6P
Sealed Power Inductors
LDW31T LEIDITECH-LDW31T Datasheet
1Mb / 6P
Sealed Power Inductors
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com