Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5200AF Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SM5200AF
Description  5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM5200AF Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SM5200AF Datasheet HTML 1Page - First Silicon Co., Ltd SM5200AF Datasheet HTML 2Page - First Silicon Co., Ltd SM5200AF Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1– Forward Current Derating Curve
Fig. 2– Maximum Non-repetitive Peak
Forward Surge Current
Fig 4.– Typical Reverse Characteristics
Fig 3.– Typical Instantaneous Forward
Characteristics
Fig 6.– Typical Junction Capacitance
0
25
50 75 100 125 150 175
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
0.1
1
10
100
1000
100
10
10
1.0
0.1
0.01
0.001
10
1.0
0.1
0.01
100
5.0
2.5
0
120
60
0
60 Hz
Resistive or
Inductive Load
TJ = TJ max
8 3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°
C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1 0 MHz
Vsig = 50mVp-p
Case Temperature,°C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=75℃
Tj=25℃
Fig 5.– typical transient thermal
impedance
100
10
1
1000
0.01
0.1
1.0
10
100
t, Pulse duration,sec
SM5150AF ~ SM5200AF
2019. 07. 09
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com