Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5200AF Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SM5200AF
Description  5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM5200AF Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SM5200AF Datasheet HTML 1Page - First Silicon Co., Ltd SM5200AF Datasheet HTML 2Page - First Silicon Co., Ltd SM5200AF Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3. OUTLINE AND DIMENSIONS
D
0.55
E
0.90
1.20
DIM
MIN
MAX
Typ.
A
4.40
4.80
4.60
B
2.30
2.70
2.60
C
3.30
3.70
3.50
All Dimensions in mm
SMA-FL
I
-
-
0.90
K
-
-
0.80
L
-
-
0.20
1.05
F
0.11
0.21
0.17
G
1.30
1.50
1.40
4. SOLDERING FOOTPRINT
B
3.70
DIM
(mm)
SMA-FL
X
1.60
Y
1.80
SM5150AF ~ SM5200AF
2019. 07. 09
3/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com