Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZAF13 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SZAF13
Description  GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SZAF13 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SZAF13 Datasheet HTML 1Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 2Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 3Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2015. 4. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
SZAF5.1 ~ SZAF220
Revision No : 0
Feature
* 1.5 W SMA-FL
* Zener voltage regulator diodes
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
* IEC61000-4-2 ESD Air Contact ≥±15KV
* MSL: 1
We declare that the material of product is
Case: JEDEC SMA-FL molded plastic
Haloggen free (green epoxy compound)
Terminals : Plated terminals, solderable per
MIL-STD-750,Method 2026
Polarity: Color band denoted cathode except Bipolar
Mounting Position: Any
Weight : Approximated 0.0327 gram
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNITS
PM(AV)
1.5
Watts
IZ
PV/VZ
mA
IFSM
40
Amps
TJ,TSTG
-50 to +150
°C
NOTES:
1. 8.0mm2 (.013mm thick) land areas
2. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
SZAF *** Series
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
RATING
1.Electrical Characteristic
Mechanical Data
* We declare that the material of product
compliance with RoHS requirements.
Steady State Power Dissipation at TL=75°C(Note1)
Z-current
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 2)
Operating and Storage Temperature Range


Similar Part No. - SZAF13

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SZAF130A LRC-SZAF130A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZAF13A LRC-SZAF13A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
More results

Similar Description - SZAF13

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZAF2.4A LRC-S-SZAF2.4A Datasheet
232Kb / 4P
Zener voltage regulator diodes 1 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com