Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZAF13 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SZAF13
Description  GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SZAF13 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SZAF13 Datasheet HTML 1Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 2Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 3Page - First Silicon Co., Ltd SZAF13 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2015. 4. 23
2/4
Revision No : 0
SZAF5.1 ~ SZAF220
2.Product Characteristic
t
n
e
r
u
c
e
g
r
u
S
t
n
e
r
r
u
C
r
e
n
e
Z
Maximum
Regulator
Current2)
Voltage
I zt
Z zt @ I zt
Z zk@ Izk
Z zk@ Izk
IR
VR
IR @Tamb
= 25 C
IZM @
Tamb =50 °C
Vz@Lzt
Volts
mA
Ohms
Ohms
m A
uA Max
Volts
mA
mA
SZAF5.1
Z5.1
5.1
8
7
1
0
9
8
0
.
1
0
5
5
7
9
4
SZAF5.6
Z5.6
5.6
4
6
1
0
1
8
0
.
2
0
0
6
5
5
4
SZAF6.2
Z6.2
6.2
6
4
1
0
3
7
0
.
3
0
0
7
2
1
4
SZAF6.8
4
0
0
3
1
4
7
3
8
.
6
990
200
SZAF7.5
Z7.5
5
5
.
0
0
0
3
1
5
.
4
4
3
5
.
7
908
182
SZAF8.2
Z8.5
6
5
.
0
0
0
3
1
5
.
5
1
3
2
.
8
825
165
SZAF9.1
Z9.1
7
5
.
0
0
0
3
1
6
8
2
1
.
9
750
150
SZAF10
Z10
6
.
7
0
0
3
1
7
5
2
0
1
681
137
SZAF11
Z11
4
.
8
0
0
3
1
8
3
2
1
1
621
125
SZAF12
Z12
1
.
9
0
0
3
1
9
1
2
2
1
570
114
SZAF13
Z13
9
.
9
0
0
3
1
0
1
9
1
3
1
516
104
SZAF15
Z15
4
.
1
1
0
0
3
1
4
1
7
1
5
1
456
92
SZAF16
Z16
2
.
2
1
0
0
3
1
6
1
5
.
5
1
6
1
428
86
SZAF18
Z18
7
.
3
1
0
0
3
1
0
2
4
1
8
1
375
75
SZAF20
Z20
2
.
5
1
0
0
3
1
2
2
5
.
2
1
0
2
338
68
SZAF22
Z22
7
.
6
1
0
0
3
1
3
2
5
.
1
1
2
2
308
62
SZAF24
Z24
2
.
8
1
0
0
3
1
5
2
5
.
0
1
4
2
285
57
SZAF27
Z27
6
.
0
2
0
0
3
1
5
3
5
.
9
7
2
255
51
SZAF30
Z30
8
.
2
2
0
0
5
1
0
4
5
.
8
0
3
225
45
SZAF33
Z33
1
.
5
2
0
0
5
1
5
4
5
.
7
3
3
203
41
SZAF36
Z36
4
.
7
2
0
0
5
1
0
5
7
6
3
188
38
SZAF39
Z39
7
.
9
2
0
0
5
1
0
6
5
.
6
9
3
173
35
SZAF43
Z43
7
.
2
3
0
0
5
2
0
7
6
3
4
165
33
SZAF47
Z47
8
.
5
3
0
0
5
2
0
8
5
.
5
7
4
143
29
SZAF51
Z51
8
.
8
3
0
0
5
2
5
9
5
1
5
135
27
SZAF56
Z56
6
.
2
4
0
0
5
2
0
1
1
5
.
4
6
5
120
24
SZAF62
Z62
1
.
7
4
0
0
5
2
5
2
1
4
2
6
105
21
SZAF68
Z68
7
.
1
5
0
0
5
2
0
5
1
7
.
3
8
6
98
20
SZAF75
Z75
6
5
0
0
5
2
5
7
1
3
.
3
5
7
90
18
SZAF82
Z82
2
.
2
6
0
0
0
3
0
0
2
3
2
8
83
17
SZAF91
Z91
2
.
9
6
0
0
0
3
0
5
2
8
.
2
1
9
75
15
SZAF100
Z100
6
7
0
0
0
3
0
5
3
5
.
2
0
0
1
68
14
SZAF110
Z110
3
8
0
0
0
5
0
5
5
2
0
1
1
63
12
SZAF120
Z120
0
9
0
0
5
5
0
5
7
5
.
1
0
2
1
57
11
SZAF130
Z130
8
9
0
0
0
6
0
0
9
1
0
3
1
51
9
SZAF150
Z150
3
1
1
0
0
5
6
0
0
2
1
1
0
5
1
45
9
SZAF160
Z160
0
2
1
0
0
0
7
0
5
3
1
1
0
6
1
42
9
SZAF180
Z180
5
3
1
0
0
5
8
0
5
6
1
1
0
8
1
38
8
SZAF200
Z200
0
5
1
0
0
0
0
1
0
5
9
1
1
0
0
2
35
6
SZAF220
Z220
5
6
1
0
0
0
2
1
0
0
3
2
1
0
2
2
32
6
20
0.25
5
Type
Device
marking
code
Vz tolerance : ±5%;
Ta=25℃
Vfmax =1.2V @ IF = 200mA P=1 W
A and B Sufflx only
Leakage Current
1
100
Z6.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com