Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # 38D2
Description  I/O RELAY CARD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38D2 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  38D2 Datasheet HTML 1Page - M-System Co.,Ltd. 38D2 Datasheet HTML 2Page - M-System Co.,Ltd. 38D2 Datasheet HTML 3Page - M-System Co.,Ltd. 38D2 Datasheet HTML 4Page - M-System Co.,Ltd. 38D2 Datasheet HTML 5Page - M-System Co.,Ltd. 38D2 Datasheet HTML 6Page - M-System Co.,Ltd. 38D2 Datasheet HTML 7Page - M-System Co.,Ltd. 38D2 Datasheet HTML 8Page - M-System Co.,Ltd. 38D2 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
38D2
P.  / 9
ES-4564
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
3
6H(+)
7N(–)
CARD SIDE
No.1 OUT
X1
No.1
X1
X1
X1
CARD SIDE
No.2 OUT
CONNECTOR
4
5
1
2
3
4
5
ALARM
FUSE
JUMPER
PIN
TEST SW
AUTO
OFF
ON
DCS RELAY OUT
No.2
VOLTAGE OUTPUT
ALARM
3
4
POWER
1(+)
2(–)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com