Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 38D2
Description  I/O RELAY CARD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38D2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  38D2 Datasheet HTML 1Page - M-System Co.,Ltd. 38D2 Datasheet HTML 2Page - M-System Co.,Ltd. 38D2 Datasheet HTML 3Page - M-System Co.,Ltd. 38D2 Datasheet HTML 4Page - M-System Co.,Ltd. 38D2 Datasheet HTML 5Page - M-System Co.,Ltd. 38D2 Datasheet HTML 6Page - M-System Co.,Ltd. 38D2 Datasheet HTML 7Page - M-System Co.,Ltd. 38D2 Datasheet HTML 8Page - M-System Co.,Ltd. 38D2 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
38D2
P.  / 9
ES-4564
DCS Input/Output Relay Card Series
I/O RELAY CARD
(high load current type)
MODEL
38D2
Specifications are subject to change without notice.
MODEL & SUFFIX CODE SELECTION
38D2–B❑–❑❑
MODEL
CONNECTOR
1
: FCNtypeconnector
2
: FCNtypeconnector(plusFCNconnector
tocouplethenestwithanother)
Y1
: YokogawaKS2cableuse
Y2
: YokogawaKS9cableuse
K2
: YamatakeDCSDOuse+couplingconnector
POWER INPUT
K
: 85–132VAC
R
: 24VDC
OPTIONS
/W
: Surfacemounting
ORDERING INFORMATION
Specifycodenumber.(e.g.38D2-B1-K)
RELATED PRODUCTS
•Specialcable(model:FCN)
•Connectorterminalblock(model:CNT)
GENERAL SPECIFICATIONS
Construction
:Metalplatesassembly;anglebracket
mounting;JISorEIAstandardrack
Capacity
:
16positions
Connection
Power, alarm, voltage output
:M3.5screwterminals
(nickel-platedbrass;torque0.8N·m)
Alarm output
:Drycontactoutputprovidedwhenafuseon
therelaycardsisblown.
INSTALLATION
Power input
AC
:
Operationalvoltagerange85–132V
47–66Hz,max.15VA
DC
:
Operationalvoltagerange24VDC±10%,
ripple10%p-pmax.
Voltage output
:Max.125V(100VAC/24VDC)
Max.8Aforthetotalofrelaycards
Operating temperature
:-5to+55°C(23to131°F)
Operating humidity
:30to90%RH(non-condensing)
Mounting
:
JIS/EIAstandardrackorsurface
Dimensions
: W480
×H99×D170mm(18.90”×3.90”×6.69”)
Weight
AC powered
:2.2kg(4.9lbs)
DC powered
:2.0kg(4.8lbs)
PERFORMANCE
Insulation resistance
38D2-B1, B2, BY1, BY2
:≥100MΩwith500VDC
(I/Oconnectortopowertoalarmoutputto
voltageoutputtoFG)
38D2-BK2
:≥100MΩwith500VDC
(I/Oconnectororpowertoalarmoutputto
voltageoutputtoFG)
Dielectric strength
38D2-B1, B2, BY1, BY2
:500VAC@1minute
(I/Oconnectortopowertoalarmoutput)
1500VAC@1minute(I/Oconnectoror
poweroralarmoutputtovoltageoutput)
500VAC@1minute*(I/Oconnectoror
poweroralarmoutputtoFG)
2000VAC@1minute(voltageoutputtoFG)
38D2-BK2
:500VAC@1minute*(I/Oconnectoror
powertoalarmoutputtoFG)
1500VAC@1minute(I/Oconnectoror
poweroralarmoutputtovoltageoutput)
2000VAC@1minute(voltageoutputtoFG)
*1000VACfor24VDCpowerinput
DESCRIPTIONS
The38DseriesI/ORelayCardseasilyandquicklystand-
ardizeandfacilitateinstallationoftheDCSrelayboard.
•16pointsperrack
•Independentrelaycard
•TestswitchandLEDhelpdebuggingandmonitoring
•Fuseprovidedtoeachchannel
•Standardrackreceiveseitherinputcardsoroutputcards
•Input relay card is standard with a relay contact input
andare-transmittedoutput(5A).
•Outputrelaycardisstandardwithavoltageoutputfor
drivingelectromagneticvalveandarelaycontact(5A).
• Standard Rack (nest)
MOUNTING REQUIREMENTS mm (inch)
Observe appropriate wiring space under the rack.
450 (17.72)
4–M5 SCREW
465 (18.31)
ANGLE BRACKET


Similar Part No. - 38D2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38D2 RENESAS-38D2 Datasheet
2Mb / 136P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38D2-FMV RENESAS-38D2-FMV Datasheet
394Kb / 28P
Standard Characteristics (Flash Memory Version)
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
Standard Characteristics
More results

Similar Description - 38D2

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HNIO-241R RFM-HNIO-241R Datasheet
78Kb / 3P
900MHz Relay I/O Wireless Modem
logo
Tripp Lite. All Rights ...
RELAYIOCARD TRIPPLITE-RELAYIOCARD Datasheet
470Kb / 2P
Programmable Relay I-O Card
RELAYIOMINI TRIPPLITE-RELAYIOMINI Datasheet
507Kb / 2P
3 Relay I-O Mini-module
logo
PHOENIX CONTACT
2903805 PHOENIX-2903805 Datasheet
181Kb / 6P
SMS relay - TC MOBILE I/O X200
logo
M-System Co.,Ltd.
38N MSYSTEM-38N Datasheet
110Kb / 10P
I/O RELAY CARD
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
NHP Electrical Engineer...
1734-OW2 NHP-1734-OW2 Datasheet
591Kb / 1P
POINT I/O 2DO RELAY MODULE
7 June 2023,
1734-OW4 NHP-1734-OW4 Datasheet
619Kb / 1P
POINT I/O 4DO RELAY MODULE
7 June 2023,
1794-OW8 NHP-1794-OW8 Datasheet
513Kb / 1P
FLEX I/O 8DO RELAY ISOLATED MODULE
7 June 2023,
5069-OX4I NHP-5069-OX4I Datasheet
560Kb / 1P
COMPACT 5000 I/O 4DO C/O ISOLATED RELAY MODULE
21 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com