Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2LC-S1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # AD2LC-S1-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD2LC-S1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  AD2LC-S1-R Datasheet HTML 1Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 2Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 3Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 4Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 5Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 6Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: AD2LC
AD2LC SPECIFICATIONS
ES-1388 Rev.14 Page 3/7
https://www.m-system.co.jp/
(input or output or power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power: Basic insulation (300 V)
RoHS Directive
EXTERNAL VIEW
DATA
ITEM
DATA
ITEM
ITEM
UP-DOWN Keys
PL2 (HOLD) LED
PL1 (POL) LED
DATA Display
ITEM Display
DATA
UP-DOWN Keys
26-pin Connector
(Pin Assignments)
1
2
25
26



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com