Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2LC-S1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # AD2LC-S1-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD2LC-S1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  AD2LC-S1-R Datasheet HTML 1Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 2Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 3Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 4Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 5Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 6Page - M-System Co.,Ltd. AD2LC-S1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: AD2LC
AD2LC SPECIFICATIONS
ES-1388 Rev.14 Page 4/7
https://www.m-system.co.jp/
PARAMETER LIST
It is available to configure or confirm settings shown below by using front key pad.
ITEM
MDF.
CODE
DATA
CONTENTS
DEFAULT
P
N/A
-9999 – 9999
(-FFFF – FFFF)
Output display in engineering unit, BCD (as set in ITEM 17/18)
( ) for binary, offset binary, two’s complement, re ected binary
----
01
1, 2
Modi cation code
1 : Data indication only.
2 : All parameters are modi able.
1
02
N/A
0 – 99
Status indication (“0” is normally indicated.)
----
03
N/A
0, 1, 2
Input range code
0 : S1 (0.0 – 3.0mV/V)
1 : S2 (0.0 – 10.0mV/V)
2 : S3 (0.0 – 30.0mV/V)
User speci ed
04
2
0.1 – 12.0
Excitation voltage (V)
1.0V
05
2
0.010 – 3.000
0.010 – 9.999
0.10 – 30.0
Sensor sensitivity
S1 : 0.0 – 3.0mV/V
S2 : 0.0 – 10.0mV/V
S3 : 0.0 – 30.0mV/V
Used when adjusting the sensor sensitivity by its rating value.
Set ITEM 06 before 05.
3.000
9.999
30.00
06
2
-30.00 – 30.00
-99.99 – 99.99
-300.0 – 300.0
0% input voltage
S1 : -30.00 – 30.00mV
S2 : -99.99 – 99.99mV
S3 : -300.0 – 300.0mV
Sensor’s zero adjustment. Approximate offset voltage.
07
2
-30.00 – 30.00
-99.99 – 99.99
-300.0 – 300.0
100% input voltage
S1 : -30.00 – 30.00mV
S2 : -99.99 – 99.99mV
S3 : -300.0 – 300.0mV
Used when adjusting the sensor sensitivity with an actual load.
Set ITEM 06 before 07.
08
2
10.0 – 100.0
Load ratio (%)
Used when adjusting the sensor sensitivity with an actual load.
100.0
09
2
-999.9 – 999.9
Tare adjustment (%)
0.0
10
N/A
-15.0 – 115.0
Input indicated in % (of the range set in ITEM 05/06/07)
----
11
2
-99.99 – 99.99
Zero adjustment (%) ( ne adj. of the value set in ITEM 05/06/07)
0.00
12
2
0.000 – 9.999
Gain adjustment ( ne adj. of the value set in ITEM 05/06/07)
1.000
13
2
0, 1, 2, 3, 4
Moving average (200 msec./sampling)
0: No
1: 4 samples
2: 8 samples
3: 16 samples
4: 32 samples
0
14
2
0, 1, 2, 3
Contact input function
0 : Tare adjustment
1 : Peak hold
2 : Valley hold
3 : Sample hold
0
15
2
10 – 99
Power ON-delay time (seconds)
10
16
2
0, 1 – 60
Power-saving mode
0 : Continuous display
1 – 60 : Time before display turned off (minutes)
10
17
18
2
2
-9999 – 9999
-9999 – 9999
BCD
Display range scaling 0% *1
Display range scaling 100% *1
-1000
1000
17
18
2
2
-7FFF – 7FFF
-7FFF – 7FFF
Binary
Display range scaling 0% *1
Display range scaling 100% *1
-7FFF
7FFF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com