Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ASD1
Description  OUTPUT RELAY CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ASD1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ASD1 Datasheet HTML 1Page - M-System Co.,Ltd. ASD1 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: ASD1
ASD1 SPECIFICATIONS
ES-1610 Rev.11 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC ALARM
(thumbwheel switch adjustment)
Functions & Features
• Providing SPDT relay outputs at preset DC input levels
• Dual trip
• Latching or non-latching output
• Thumbwheel switch setpoint adjustments
• Enclosed relays
• Relays can be powered 110 V DC
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
SET2
3
SET1
1
4 4
45
45
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: ASD1–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: ASD1-[1][2][3][4][5]-[6][7]
Specify a code from below for each of [1] through [7].
(e.g. ASD1-61302-K3/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] SETPOINT 1 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[3] SETPOINT 2 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[4] ON DELAY TIME
0: 0.5 seconds
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
[5] POWER ON DELAY TIME
1: 1 second
2: 2 seconds
5: 5 seconds
[6] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
L3: 200 – 240 V AC (Operational voltage range 180 – 264 V,
47 – 66 Hz) (UL not available)
[7] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Thumbwheel switches (front); 0 – 99


Similar Part No. - ASD1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASD1-14.31818MHZ-E-C ABRACON-ASD1-14.31818MHZ-E-C Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
ASD1-14.31818MHZ-E-C-S ABRACON-ASD1-14.31818MHZ-E-C-S Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
ASD1-14.31818MHZ-E-H ABRACON-ASD1-14.31818MHZ-E-H Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
ASD1-14.31818MHZ-E-H-S ABRACON-ASD1-14.31818MHZ-E-H-S Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
ASD1-14.31818MHZ-E-J ABRACON-ASD1-14.31818MHZ-E-J Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
More results

Similar Description - ASD1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
38F25 MSYSTEM-38F25 Datasheet
88Kb / 2P
DCS Input/Output Relay Card Series
38BSH3 MSYSTEM-38BSH3 Datasheet
118Kb / 4P
DCS Input/Output Relay Card Series
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
OUTPUT RELAY CARD
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
OUTPUT RELAY CARD
logo
Pepperl+Fuchs Inc.
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
Relay output
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
Relay output
2021-12-01
LB6101H PF-LB6101H Datasheet
652Kb / 3P
Relay output
2021-12-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com