Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ASD1
Description  OUTPUT RELAY CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ASD1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ASD1 Datasheet HTML 1Page - M-System Co.,Ltd. ASD1 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: ASD1
ASD1 SPECIFICATIONS
ES-1610 Rev.11 Page 2/4
http://www.m-system.co.jp/
% independently; 1 % increments
Deadband and latching control: 16-position rotary switches
(front)
•Deadband: 0.5, 1 – 14 % independently; 1 %
increments (SW position 0 = 0.5, A thr. E = 10 thr. 14); [Lo
SP + Deadband] ≤ 102
•Latching: enabled at the position "F." For resetting, turn
the power supply off or set the switch position to other than
"F."
Front LEDs
Output 1: Red LED turns on when the coil is energized.
Output 2: Green LED turns on when the coil is energized.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
■ Relay Contact: 100 V AC @ 5 A (cos ø = 1)
120 V AC @ 5 A (cos ø = 1)
240 V AC @ 2.5 A (cos ø = 1)
30 V DC @ 5 A (resistive load)
Maximum switching voltage: 300 V AC or 125 V DC
Maximum switching power: 600 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
0
50
100
Input
(%)
Output 2
Setpoint
Output 1
Setpoint
Output 1
(1-3)ON
Output 2
(9-11)ON
(9-10)ON
(1-2)ON
• Output Code 1, 4
0
50
100
Input
(%)
Output 2
Setpoint
Output 1
Setpoint
Output 1
(1-3)ON
Output 2
(9-11)ON
(9-10)ON
(1-2)ON
• Output Code 2, 3
Alarm Trip Operation Terminal No. in parentheses
Trip Operation in Power Failure
: Terminals 1 – 3, 9 – 11 turn ON.
INSTALLATION
Power consumption
•AC: Approx. 3 VA
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Setpoint accuracy: ±0.5 %
Deadband setpoint accuracy: ±0.3 %
Power ON delay time accuracy: rating ±35 %
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
ON delay time accuracy: (0 – 100 % at 90 % setpoint)
Code 0: 0.5 ±0.2 sec.
Code 1, 2, 3, 4: rating ±20 %
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input to output to power: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 3111-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com