Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4V-Z12-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # AS4V-Z12-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AS4V-Z12-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  AS4V-Z12-R Datasheet HTML 1Page - M-System Co.,Ltd. AS4V-Z12-R Datasheet HTML 2Page - M-System Co.,Ltd. AS4V-Z12-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: AS4V
AS4V SPECIFICATIONS
ES-1609 Rev.20 Page 1/5
https://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC ALARM
(dual or quad alarm trip; field-configurable)
Functions & Features
• Provides relay outputs at preset DC input levels
• Quad or dual trip
• Setting and display in engineering unit values
• Setpoint adjustments with the front keypad
• Software lock
• Adjustable hysteresis (deadband)
• On-delay timer
• Hi/Lo trip and energized/de-energized coil independently
selectable for each setpoint
• Enclosed relays
• Relays can be powered by 200 V AC and 100 V DC
• High-density mounting on DIN rail
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: AS4V–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: AS4V-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. AS4V-S22-R/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 100 Ω)
Voltage
S1: Range -1 – +1 V DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
2: 4 points; N.O. or make contact
3: 4 points; N.C. or break contact
5: 2 points; SPDT or transfer contact
2A: 4 points; N.O. or make contact (small load current)
(CE not available. Option /UL Not selectable.)
3A: 4 points; N.C. or break contact (small load current)
(CE not available. Option /UL Not selectable.)
5A: 2 points; SPDT or transfer contact (small load current)
(CE not available. Option /UL Not selectable.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC, 50 – 60 Hz
(Operational voltage range 85 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1609)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Sampling cycle: 100 msec.
User-configurable items: Front key pad
• Alarm setpoint


Similar Part No. - AS4V-Z12-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
AS4 TELEDYNE-AS4 Datasheet
319Kb / 4P
DC Control
logo
Allied Components Inter...
AS40 ALLIED-AS40 Datasheet
936Kb / 1P
Axial Shielded Inductors
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
logo
Allied Components Inter...
AS40-100K-RC ALLIED-AS40-100K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS4V-Z12-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com