Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4V-Z12-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # AS4V-Z12-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AS4V-Z12-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  AS4V-Z12-R Datasheet HTML 1Page - M-System Co.,Ltd. AS4V-Z12-R Datasheet HTML 2Page - M-System Co.,Ltd. AS4V-Z12-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: AS4V
AS4V SPECIFICATIONS
ES-1609 Rev.20 Page 2/5
https://www.m-system.co.jp/
• Display range scaling
• Power ON-delay time
• Alarm ON-delay time
• Moving average
• Hi/Lo trip operation
• Coil at alarm
• Hysteresis (deadband)
• 0 %, 100 % input setting
• Latching control
• Others
(Refer to the instruction manual)
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Range: -1999 to 9999
(decimal point position selectable)
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red LEDs turn on when coils are energized.
(L1 and L2 for 2-point alarm. L1, L2, L3 and L4 for 4-point
alarm.)
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; shunt resistor attached to
input terminals (0.5 W)
Operational range: 0 – 70 mA DC (with 100 Ω / 0.5 W)
Minimum increment: 0.1 mA
Default setting: 4 – 20 mA DC
■ DC Voltage: -1 – +1 V DC for S1;
-10 – +10 V DC for S2
Operational range: -1.15 – +1.15 V DC for S1;
-11.5 – +11.5 V DC for S2
Minimum increment: 10 mV for S1; 100 mV for S2
Default setting: -1 – +1 V DC for S1;
-10 – +10 V DC for S2
OUTPUT SPECIFICATIONS
■ Quad Alarm
Relay rating:
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage(Note): 380 V AC or 125 V DC
Maximum switching power(Note): 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ Dual Alarm
Relay rating:
120 V AC @ 5 A (cos ø = 1)
240 V AC @ 2.5 A (cos ø = 1)
30 V DC @ 5 A (resistive load)
Maximum switching voltage(Note): 380 V AC or 125 V DC
Maximum switching power(Note): 600 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ Small load current type
Relay rating: 30 V DC @ 1 A (resistive load)
Maximum switching voltage(Note): 220 V DC
Maximum switching power(Note): 30 W (resistive load)
Minimum load: 1 V DC @ 1 mA
Mechanical life: 5 × 107 cycles
(Note): The value indicate capacity of output relay in
equipment.
Use within relay rating for EU and UL.
0
50
100
▲
Input
(%)
LL
L
▲
▲
HH
H
L2 (1–2)
ON
▲
L3 (1–3)
ON
L4 (9–11)
ON
OFF
OFF
L1 (9–10)
ON
OFF
OFF
Alarm Trip Operation
Terminal No. in parentheses
Example with quad N.O. contacts (LL, L, H, HH)
Trip Operation in Power Failure
• Output code 2, 2A: All relays turn off.
• Output code 3, 3A: All relays turn on.
• Output code 5, 5A: Terminals 1 – 3, 9 – 11 turn on.
INSTALLATION
Power consumption
•AC: ≤ 6 VA
•DC: ≤ 3.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE in percentage of FS input
Setpoint accuracy (trip point accuracy): ±(0.1 % of FS + 1
digit)
Display accuracy: ±(0.1 % of FS + 1 digit)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com